Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6003 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH6003
Description  High frequency secondary rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6003 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH6003 Datasheet HTML 1Page - STMicroelectronics STTH6003 Datasheet HTML 2Page - STMicroelectronics STTH6003 Datasheet HTML 3Page - STMicroelectronics STTH6003 Datasheet HTML 4Page - STMicroelectronics STTH6003 Datasheet HTML 5Page - STMicroelectronics STTH6003 Datasheet HTML 6Page - STMicroelectronics STTH6003 Datasheet HTML 7Page - STMicroelectronics STTH6003 Datasheet HTML 8Page - STMicroelectronics STTH6003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH6003
Characteristics
DocID6144 Rev 7
5/9
Figure 5: Reverse recovery time versus dIF/dt
(90% confidence, per diode)
Figure 6: Softness factor (tb/ta) versus dIF/dt
(typical values, per diode)
Figure 7: Relative variation of dynamic parameters
versus junction temperature (Tj = 125 °C)
Figure 8: Transient peak forward voltage versus
dIF/dt (90% confidence, per diode)
Figure 9: Forward recovery time versus dIF/dt (90% confidence, per diode)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
160
180
dlF/dt(A/µs)
IF = 2 x IF(AV)
IF = IF(AV)
IF = 0.5 x IF(AV)
VR = 200 V
Tj = 125 °C
trr(ns)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
dlF/dt(A/µs)
VR = 200 V
Tj = 125 °C
Sfactor
0
5 0
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
IF = IF(AV)
Tj = 125 °C
VFP(V)
dlF/dt(A/µs)
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
tfr(ns)
dlF/dt(A/µs)
IF = IF(AV)
VFR = 1.1 x VFmax
Tj = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com