Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6003 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH6003
Description  High frequency secondary rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6003 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH6003 Datasheet HTML 1Page - STMicroelectronics STTH6003 Datasheet HTML 2Page - STMicroelectronics STTH6003 Datasheet HTML 3Page - STMicroelectronics STTH6003 Datasheet HTML 4Page - STMicroelectronics STTH6003 Datasheet HTML 5Page - STMicroelectronics STTH6003 Datasheet HTML 6Page - STMicroelectronics STTH6003 Datasheet HTML 7Page - STMicroelectronics STTH6003 Datasheet HTML 8Page - STMicroelectronics STTH6003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH6003
4/9
DocID6144 Rev 7
1.1
Characteristics (curves)
Figure 1: Conduction losses versus average
current (per diode)
Figure 2: Forward voltage drop versus forward
current (maximum values, per diode)
Figure 3: Relative variation of thermal impedance
junction to case versus pulse duration (TO-247)
Figure 4: Peak reverse recovery current versus
dIF/dt (90% confidence, per diode)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
IF(AV) (A)
P(W)
T
=tp/T
tp
= 1
= 0.5
= 0.2
= 0.1
= 0.05
δ
δ
δ
δ
δ
δ
1E -3
1E -2
1E -1
1E +0
1E +1
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
tp(s)
T
=tp/T
tp
S ingle puls e
= 0.5
= 0.2
= 0.1
δ
δ
δ
δ
Zth(j-c) /Rth(j-c)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com