Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH6003
Description  High frequency secondary rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6003 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH6003 Datasheet HTML 1Page - STMicroelectronics STTH6003 Datasheet HTML 2Page - STMicroelectronics STTH6003 Datasheet HTML 3Page - STMicroelectronics STTH6003 Datasheet HTML 4Page - STMicroelectronics STTH6003 Datasheet HTML 5Page - STMicroelectronics STTH6003 Datasheet HTML 6Page - STMicroelectronics STTH6003 Datasheet HTML 7Page - STMicroelectronics STTH6003 Datasheet HTML 8Page - STMicroelectronics STTH6003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2016
DocID6144 Rev 7
1/9
This is information on a product in full production.
www.st.com
STTH6003
High frequency secondary rectifier
Datasheet - production data
Features
Combines highest recovery and voltage
performance
Ultrafast, soft and noise-free recovery
Low inductance and low capacitance allow
simplified layout
Description
Dual rectifier suited for switch mode power supply
and high frequency DC to DC converters.
Packaged in TO-247, this device is intended for
use in low voltage, high frequency inverters, free
wheeling operation, welding equipment and
telecom power supplies.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 30 A
VRRM
300 V
VF (max.)
1 V
trr (max.)
55 ns
A1
K
A2
TO-247
A1
K
A2


Similar Part No. - STTH6003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6003 STMICROELECTRONICS-STTH6003 Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH6003CW STMICROELECTRONICS-STTH6003CW Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
logo
Thinki Semiconductor Co...
STTH6003CW THINKISEMI-STTH6003CW Datasheet
558Kb / 3P
60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
STTH6003CW ISC-STTH6003CW Datasheet
333Kb / 2P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
More results

Similar Description - STTH6003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH30R03CW STMICROELECTRONICS-STTH30R03CW Datasheet
78Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Jul-2002
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH803D STMICROELECTRONICS-STTH803D Datasheet
92Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com