Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6003 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH6003
Description  High frequency secondary rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6003 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH6003 Datasheet HTML 1Page - STMicroelectronics STTH6003 Datasheet HTML 2Page - STMicroelectronics STTH6003 Datasheet HTML 3Page - STMicroelectronics STTH6003 Datasheet HTML 4Page - STMicroelectronics STTH6003 Datasheet HTML 5Page - STMicroelectronics STTH6003 Datasheet HTML 6Page - STMicroelectronics STTH6003 Datasheet HTML 7Page - STMicroelectronics STTH6003 Datasheet HTML 8Page - STMicroelectronics STTH6003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH6003
2/9
DocID6144 Rev 7
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
Forward rms current
60
A
IF(AV)
Average forward current
δ = 0.5, square wave
Tc = 135 °C
Per diode
30
A
Per device
60
IFSM
Surge non repetitive forward current
tP = 10 ms sinusoidal
300
A
IRSM
Non repetitive peak reverse current
tP
= 100 μs square
4
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature
+175
°C
Table 3: Thermal parameters
Symbol
Parameter
Maximum
Unit
Rth(j-c)
Junction to case
Per diode
1
°C/W
Total
0.55
Rth(c)
Coupling
0.1
When the diodes 1 and 2 are used simultaneously:
Δ Tj (diode1) = P(diode1) x Rth(j-c)(per diode) + P(diode2) x Rth(c)
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = 300 V
-
60
µA
Tj = 125 °C
-
60
600
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 30 A
-
1.25
V
Tj = 125 °C
-
0.85
1
Notes:
(1)Pulse test: tp = 5 ms, δ < 2 %
(2)Pulse test: tp = 380 μs, δ < 2 %
To evaluate the maximum conduction losses, use the following equation:
P = 0.75 x IF(AV) + 0.008 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com