Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61300Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61300Q
Description  5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61300Q Datasheet HTML 1Page - Diodes Incorporated AP61300Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
June 2025
The AP61402Q is an automotive-compliant,
4A, synchronous buck converter with a wide
input voltage range of 2.3V to 5.5V. It fully
integrates a 75mΩ high-side power
MOSFET and a 33mΩ low-side power
MOSFET to provide high-efficiency step-
down DC-DC conversion.
The device minimizes the external
component count through its adoption of
constant on-time (COT) control to achieve
fast transient response, easy loop
stabilization, and low output voltage ripple.
The AP61402Q features a small form factor
and utilizes a 2MHz switching frequency,
which enables the use of smaller, cheaper
inductors.
Its proprietary gate driver resists switching-
node ringing without sacrificing MOSFET
turn-on and turn-off times. This reduces
high-frequency radiated EMI noise caused
by MOSFET switching.
The device is available in a
V-DFN1515-6/SWP (Type UX) package.
A standard-compliance version, AP61402, is
available and suitable for industrial and
commercial applications.
Automotive-compliant - AEC qualified, manufactured in
sites certified to IATF 16949 supporting PPAP
documents.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous
Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
Applications
Automotive 5V and 3.3V Point of Load in:
▪ Infotainment
▪ Instrument clusters
▪ Telematics
▪ Advanced driver assistance
systems (ADAS)
The DIODES Advantage
The AP61402Q provides a high-efficiency, small footprint,
DC-DC buck converter solution for automotive point-of-
load (POL).
▪ High Operating Frequency of 2MHz
Reduces external LC size & outside MW frequency band,
easing EMI
▪ 4A Maximum Output Current in the Tiny Wettable
DFN1515-6
Provides high power density for high ambient temperatures in
automotive POL applications
▪ Wide 2.3V to 5.5V Input Voltage with LDO Mode
Operates from 5V, 3.3V and core-voltage-to-core-voltage
POL applications with brown-out support
▪ Multi-Function EN Controls PFM/PWM Mode of Operation
Provides flexibility for low Iq high-light-load efficiency or equal
ripple across load conditions in fixed PWM
▪ Both High-Side and Low-Side Current Sense Protection
Increases robustness in automotive POL applications
AP61402Q


Similar Part No. - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61300Q DIODES-AP61300Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP61300Q DIODES-AP61300Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61300Q DIODES-AP61300Q Datasheet
397Kb / 2P
I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
AP61300QZ6-7 DIODES-AP61300QZ6-7 Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
More results

Similar Description - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
logo
Maxim Integrated Produc...
MAXM38643 MAXIM-MAXM38643 Datasheet
788Kb / 12P
Tiny, 1.8V to 5.5V Input, 330nA IQ, 600mA nanoPower Buck Module
2021
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com