Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4054B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4054B
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4054B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4054B Datasheet HTML 1Page - STMicroelectronics HCC4054B Datasheet HTML 2Page - STMicroelectronics HCC4054B Datasheet HTML 3Page - STMicroelectronics HCC4054B Datasheet HTML 4Page - STMicroelectronics HCC4054B Datasheet HTML 5Page - STMicroelectronics HCC4054B Datasheet HTML 6Page - STMicroelectronics HCC4054B Datasheet HTML 7Page - STMicroelectronics HCC4054B Datasheet HTML 8Page - STMicroelectronics HCC4054B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HCC4054B/55B/56B
HCF4054B/55B/56B
LIQUID-CRYSTAL DISPLAY DRIVERS
DESCRIPTION
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
OPERATION OF LIQUID CRYSTALS WITH
COS/MOS CIRCUITS PROVIDES ULTRA-
LOW-POWER DISPLAYS
.
EQUIVALENT AC OUTPUT DRIVE FOR LI-
QUID-CRYSTAL DISPLAYS-NO EXTERNAL
CAPACITOR REQUIRED
.
VOLTAGE DOUBLING ACROSS DISPLAY
[(VDD –VEE) = 18V)] RESULTS IN EFFECTIVE
36V (p-p) DRIVE ACROSS SELECTED DIS-
PLAY SEGMENTS
.
LOW-OR HIGH-OUTPUT LEVEL DC DRIVE
FOR OTHER TYPES OF DISPLAYS
.
ON-CHIP LOGIC-LEVEL CONVERSION FOR
DIFFERENT INPUT AND OUTPUT-LEVEL
SWINGS
.
FULL DECODING OF ALL INPUT COMBINA-
TIONS : ”0 – 9, L, H, P, A– ” AND BLANK POSI-
TIONS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
4054B 4-SEGMENT DISPLAY DRIVER -
STROBED LATCH FUNCTION
4055B BCD TO 7-SEGMENT
DECODER/DRIVER, WITH ”DIS-
PLAY-FREQUENCY” OUTPUT
4056B BCD TO 7-SEGMENT
DECODER/DRIVER WITH
STROBED LATCH FUNCTION
March 1989
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
The HCC4054B, HCC4055B and HCC4056B (ex-
tended temperature range) and the HCF4054B,
HCF4055B and HCF4056B (intermediate tempera-
ture range) are monolithic integrated circuits available
in 16-lead dual in-line plastic or ceramic package and
plastic micro package. The HCC/HCF4055B and
HCC/HCF4056B types are single-digit BCD-to-7-seg-
ment decoder/driver circuits that provide level-shifting
functions on the chip. This feature permits the BCD
input-signal swings (VDD to VSS) to be the same as
or different from the 7-segment output-signal swings
(VDD to VEE). For example, the BCD input-signal
swings (VDD to VSS) may be as low as 0 to – 3V,
whereas the output-display drive-signal swing (VDD
to VEE) may be from 0 to – 5V. If VDD to VEE exceeds
15V, VDD to VSS should be at least 4V. The 7-seg-
ment outputs are controlled by the DISPLAY-FRE-
QUENCY (DF) input which causes the selected
segment outputs to be low, high, or a square-wave
output (for liquid-crystal displays). When the DF
input is low the output segments will be high when
selected by the BCD inputs. When the DF input is
high, the output segments will be low when selected
by the BCD inputs. When a square-wave is present
at the DF input, the selected segments will have a
square-wave output that is 180
° out of phase with
the DF input. Those segments which are not se-
lected will have a square-wave output that is in
phase with the input. DF square-wave repetition
rates for liquid-crystal displays usually range from
30Hz (well above flicker rate) to 200Hz (well below
the upper limit of the liquid-crystal frequency re-
sponse). The HCC/HCF4055B provides a level-
shifted high-amplitude DF output which is required
for driving the common electrode in liquid-crystal
displays. The HCC/HCF4056B provides a strobed-
latch function at the BCD inputs. Decoding of all
input combinations on the HCC/HCF4055B and
HCC/HCF4056B provides displays of 0 to 9 as well
1/15


Similar Part No. - HCC4054B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4050B STMICROELECTRONICS-HCC4050B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4050B STMICROELECTRONICS-HCC4050B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4050BD STMICROELECTRONICS-HCC4050BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4050BDG STMICROELECTRONICS-HCC4050BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4050BDT STMICROELECTRONICS-HCC4050BDT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results

Similar Description - HCC4054B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5452 NSC-MM5452 Datasheet
190Kb / 8P
Liquid Crystal Display Drivers
logo
Texas Instruments
CD4054B TI-CD4054B Datasheet
311Kb / 6P
CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
Liquid Crystal Display
logo
National Semiconductor ...
MM5452 NSC-MM5452_01 Datasheet
315Kb / 9P
Liquid Crystal Display Drivers
logo
List of Unclassifed Man...
S1D15605 ETC2-S1D15605 Datasheet
573Kb / 87P
Single-chip dot matrix liquid crystal display drivers
logo
Texas Instruments
CD4054B TI-CD4054B_12 Datasheet
1,002Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4054BPWR TI1-CD4054BPWR Datasheet
983Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4055BPWRG4 TI-CD4055BPWRG4 Datasheet
983Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4054B TI1-CD4054B_15 Datasheet
1Mb / 17P
CMOS Liquid-Crystal Display Drivers
MM5452 TI1-MM5452 Datasheet
636Kb / 13P
Liquid Crystal Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com