Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4054B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4054B
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4054B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4054B Datasheet HTML 2Page - STMicroelectronics HCC4054B Datasheet HTML 3Page - STMicroelectronics HCC4054B Datasheet HTML 4Page - STMicroelectronics HCC4054B Datasheet HTML 5Page - STMicroelectronics HCC4054B Datasheet HTML 6Page - STMicroelectronics HCC4054B Datasheet HTML 7Page - STMicroelectronics HCC4054B Datasheet HTML 8Page - STMicroelectronics HCC4054B Datasheet HTML 9Page - STMicroelectronics HCC4054B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Test Conditions
Types
4054B
4055B, 4056B
Symbol
Parameter
V EE
(V)
V SS
(V)
V DD
(V)
Mi n. Typ. Max. Min. Typ. Max.
Unit
t PHL,tPLH
Propagation Delay Time (any
input to any output)
– 5
0
5
400
800
650 1300
ns
0
0
10
340
680
575 1150
0
0
15
250
500
375
750
t THL,tTL H
Transition Time (any output)
– 5
0
5
100
200
100
200
ns
0
0
10
100
200
100
200
0
0
15
75
150
75
150
t se tu p *
Data Setup Time
– 5
0
5
220
110
220
110
ns
0
0
10
100
50
100
50
0
0
15
70
35
70
35
t W *
Strobe Pulse Width
– 5
0
5
220
110
220
110
ns
0
0
10
100
50
100
50
0
0
15
70
35
70
35
* HCC/HCF4054B and HCC/HCF4056B only.
Figure 1 : Typical Output Low (sink) Current
Characteristics.
Figure 2 : Minimum Output High (source) Current
Characteristics.
HCC/HCF4054B/55B/56B
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com