Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4054B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4054B
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4054B Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4054B Datasheet HTML 1Page - STMicroelectronics HCC4054B Datasheet HTML 2Page - STMicroelectronics HCC4054B Datasheet HTML 3Page - STMicroelectronics HCC4054B Datasheet HTML 4Page - STMicroelectronics HCC4054B Datasheet HTML 5Page - STMicroelectronics HCC4054B Datasheet HTML 6Page - STMicroelectronics HCC4054B Datasheet HTML 7Page - STMicroelectronics HCC4054B Datasheet HTML 8Page - STMicroelectronics HCC4054B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V DD*
Supply Voltage : HC C Types
HCF Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Pto t
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
T stg
Storage Temperature
– 65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Val ue
Unit
VDD
Supply Voltage : HCC Types
HCF Types
3to18
3to15
V
V
V I
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HC F Types
–55 to 125
–40 to 85
°C
°C
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
* All voltage values are referred to VSS pin voltage.
TRUTH TABLE
4055 B and 4056 B
Input Code
Output State
23 22 21 20
ab
cd
e
f
g
Display
Character
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
0
1
1
0
1
1
1
1
1
0
0
1
1
0
0
1
1
1
1
1
0
0
1
1
1
0
1
1
1
0
0
1
1
0
1
1
1
1
1
1
1
0
1
0
1
0
0
1
0
1
1
0
1
1
0
1
1
1
0
0
0
0
0
1
0
1
0
0
0
1
0
1
0
1
1
1
1
0
0
1
0
0
0
1
1
1
0
1
1
1
1
1
1
0
0
0
0
1
1
1
1
1
0
1
1
0
1
1
1
1
0
0
1
2
3
4
5
6
7
8
9
L
H
P
A
–
BLANK
Data Setup Time and Strobe Pulse Duration.
HCC/HCF4054B/55B/56B
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com