Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4054B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4054B
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4054B Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4054B Datasheet HTML 1Page - STMicroelectronics HCC4054B Datasheet HTML 2Page - STMicroelectronics HCC4054B Datasheet HTML 3Page - STMicroelectronics HCC4054B Datasheet HTML 4Page - STMicroelectronics HCC4054B Datasheet HTML 5Page - STMicroelectronics HCC4054B Datasheet HTML 6Page - STMicroelectronics HCC4054B Datasheet HTML 7Page - STMicroelectronics HCC4054B Datasheet HTML 8Page - STMicroelectronics HCC4054B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Value
VEE
VI
VO
VSS
VDD
TLow*
25
°CT
Hi gh*
Symbol
Parameter
(V)
(V)
(V)
(V)
(V)
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
IL
Quiescent
Supply
Current
HCC
Types
– 5
0/5
0
5
5
0.04
5
150
0
0/10
0
10
10
0.04
10
300
0
0/15
0
15
20
0.04
20
600
0
0/20
0
20
100
0.08
100
3000
HCF
Types
– 5
0/5
0
5
20
0.04
20
150
0
0/10
0
10
40
0.04
40
300
0
0/15
0
15
80
0.04
80
600
µA
VOH
Output High
Voltage
0
0/5
0
5
4.95
4.95
4.95
V
0
0/10
0
10
9.95
9.95
9.95
0
0/15
0
15
14.95
14.95
14.95
VOL
Output Low
Voltage
0
5/0
0
5
0.05
0.05
0.05
V
0
10/0
0
10
0.05
0.05
0.05
0
15/0
0
15
0.05
0.05
0.05
VIH
Input High
Voltage
–5
0.5/4.5
0
5
3.5
3.5
3.5
V
0
1/9
0
10
7
7
7
0
1.5/13.5
015
11
11
11
VIL
Input Low
Voltage
5
0.5/4.5
0
5
1.5
1.5
1.5
V
0
9/1
0
10
3
3
3
0
1.5/13.5
015
4
4
4
IOH
Output
High
Current
HCC
Types
– 5
0/5
4.5
0
5
– 0.6
– 0.45 – 0.9
– 0.3
0
0/10
9.5
0
10
– 0.6
– 0.45 – 0.9
– 0.3
0
0/15 13.5
0
15
– 1.9
– 1.5
– 3
– 1.1
HCF
Types
– 5
0/5
4.5
0
5
– 0.47
– 0.38 – 0.9
– 0.28
0
0/10
9.5
0
10
– 0.47
– 0.38 – 0.9
– 0.28
0
0/15 13.5
0
15
– 1.58
– 1.27
– 3
– 0.95
mA
IOL
Output
Low
Current
HCC
Types
– 5
0/5
0.4
0
5
1.6
1.3
2.6
0.9
mA
0
0/10
0.5
0
10
1.6
1.3
2.6
0.9
0
0/15
1.5
0
15
4.2
3.4
6.8
2.4
HCF
Types
– 5
0/5
0.4
0
5
1.37
1.1
2.6
0.82
0
0/10
0.5
0
10
1.37
1.1
2.6
0.82
0
0/15
1.5
0
15
3.62
2.9
6.8
2.17
IIH,IIL**
Input
Leakage
Current
HCC
Types
0
0/18
0
18
± 0.1
±10–5 ± 0.1
± 1
HCF
Types
0
0/15
0
15
± 0.3
±10–5 ± 0.3
± 1
µA
µA
C I**
Input Capacitance
5
7.5
pF
*TLow
=– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh
= 125
°Cfr HCC device : + 85°C for HCF device.
The Noise Margin for both ”1” and ”0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
** Any input.
HCC/HCF4054B/55B/56B
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com