Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7007 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 7007
Description  7006/7007 Loop-Mates 1 and 2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7007 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  7007 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7006/7007 Loop-Mates 1 and 2
Time Electronics
Calibration, Test & Measurement
 Pocket sized 140 x 66 x 27 mm
 4 - 20mA or 0 - 10V loops
 7 calibration set-points
 TxSim and RxTest (Loop-Mate1)
 RxSim and TxTest (Loop-Mate2)
 Auto-Step output - adjustable rate
 Battery powered PP3
 Internal loop drive supply
The Loop-Mates are single function low-cost pocket sized units, designed for test and calibration of process
loops. Simplicity of operation is their key - no keypads or complicated selections. Engineers will be able to pick
them up and get to work immediately. Just select 4 - 20mA, or 10V loop, and TxSim, RxTest, RxSim or TxTest.
Both have internal loop drive supplies, which can be used to power the loop if required.
Loop-Mate1 is the simulator and acts as a source to provide the loop signals, 4 - 20mA or 0 - 10V.
No complicated selection of the output, just operate up/down buttons to increase or decrease the signal. There
are 7 set-points, 0%, 10%, 25%, 50%, 75%, 90%, 100%. Each is indicated on a high brightness LED and an
audible beep sounds as you step between them. Auto-stepping mode (adjustable rate) allows Loop-Mate1 to
be left connected stepping up and down. The engineer can then move to another location to check (using Loop-
Mate2) that the signal is arriving correctly and is within specification.
Loop-Mate2 is a dedicated loop signal indicator, just as easy to operate. Once again select the loop type, 4 -
20mA, or 0 - 10V, and whether you want the display in direct units, or % of span. The LCD display shows the
signal to an accuracy of 0.05% either in mA, V, or % of span.
Both units are powered by a single standard PP3 battery that gives up to 40hrs continuous use.
7006 & 7007 Technical Specifications
7006 Loop-Mate1
7007 Loop-Mate2
Range:
4 - 20mA, or 0 - 10V
Set-Points:
0, 10, 25, 50, 75, 90, 100% of span
Accuracy:
0.1%
Modes:
TxSim, or RxTest
Loop Supply:
Internal, 25mA max
Auto-Step:
Up/Down/Up, 0.5, 1, 2, 4, or 8sec/step
Range:
4 - 20mA, 0 - 10V, 0 - 50V
Display:
LCD 4 digits, mA, V, or % of span
Accuracy:
0.05%
Modes:
RxSim, TxTest, or 50mA/50V measure
Loop supply:
Internal, 25mA max
General Specification (Applies to both units unless stated)
Power:
PP3 battery, typical life 40hrs
Dimensions:
L 140mm x W 65mm x D 30mm
Weight:
7006: 180g, 7007: 200g
Optional Extras:
Calibration Certificates – traceable to NPL and UKAS
Loop-Mates are supplied with a carrying case, leads and technical manual.
Ordering Information
Code
Description
7006
Loop-Mate 1
7007
Loop-Mate 2
9145
N.P.L. Traceable Calibration Certificate (7006 and 7007)
9144
UKAS Calibration Certificate (7006 and 7007)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
V1b 19/05/09


Similar Part No. - 7007

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7007 BOURNS-7007 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
TEKTRONIX, INC.
7007-05 TEKTRONIX-7007-05 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-05 TEKTRONIX-7007-05 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
logo
TEKTRONIX, INC
7007-05 KEITHLEY-7007-05 Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
logo
TEKTRONIX, INC.
7007-1 TEKTRONIX-7007-1 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
More results

Similar Description - 7007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX496 MAXIM-MAX496 Datasheet
219Kb / 12P
375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Rev 1; 12/98
MAX9394-MAX9395 MAXIM-MAX9394-MAX9395 Datasheet
361Kb / 13P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9394 MAXIM-MAX9394_07 Datasheet
179Kb / 14P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 1; 5/07
logo
Schurter Inc.
6250 SCHURTER-6250 Datasheet
360Kb / 2P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, mates to Felcom
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
PHOENIX CONTACT
2901994 PHOENIX-2901994 Datasheet
326Kb / 13P
Input loop-powered 2-way isolator, single and two-channel
logo
Schurter Inc.
6250 SCHURTER-6250_18 Datasheet
215Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, mates to Felcom
6250 SCHURTER-6250_V01 Datasheet
221Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, mates to Felcom
logo
Renesas Technology Corp
855S54 RENESAS-855S54 Datasheet
654Kb / 19P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
September 19, 2017
ICS854S54I RENESAS-ICS854S54I Datasheet
742Kb / 21P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com