Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CFAB-R7 Datasheet(PDF) 47 Page - Nordic Semiconductor

Part # NRF51822-CFAB-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAB-R7 Datasheet(HTML) 47 Page - Nordic Semiconductor

Back Button NRF51822-CFAB-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 51Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
Page 47
nRF51822 Product Specification v3.3
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
IOFF
Current in SYSTEM OFF, no RAM
retention.
0.61
μA
2
IOFF, RET, 8k
Additional current in SYSTEM
OFF per retained RAM block
(8 kB).
0.61
μA
2
IOFF2ON
OFF to CPU execute
transition current.
400
μA
1
tOFF2ON
OFF to CPU execute.
9.6
10.6
μs
1
ION,16k
SYSTEM-ON base current with
16 kB RAM enabled.
2.61
μA
2
ION,32k
SYSTEM-ON base current with
32 kB RAM enabled.
3.81
μA
2
t1V2
Startup time for 1V2 regulator.
2.3
μs
1
I1V2XO16
Current drawn by 1V2 regulator
and 16 MHz XOSC when both
are on at the same time.
See Table 33 on page 49.
8102
μA
1
I1V2XO32
Current drawn by 1V2 regulator
and 32 MHz XOSC when both
are on at the same time.
See Table 33 on page 49.
8402
μA
1
I1V2RC16
Current drawn by 1V2 regulator
and 16 MHz RCOSC when both
are on at the same time.
See Table 33 on page 49.
8802
μA
1
I1V2XO16,1M
For HFCLK in 1 MHz mode3.
Current drawn by 1V2 regulator
and 16 MHz XOSC when both
are on at the same time.
See Table 33 on page 49.
5202
μA
1
I1V2XO32,1M
For HFCLK in 1 MHz mode3.
Current drawn by 1V2 regulator
and 32 MHz XOSC when both
are on at the same time.
See Table 33 on page 49.
5602
μA
1
I1V2RC16,1M
For HFCLK in 1 MHz mode3.
Current drawn by 1V2 regulator
and 16 MHz RCOSC when both
are on at the same time.
See Table 33 on page 49.
6302
μA
1
tXO
Startup time for the clock
management system when the
XTAL is in standby.
2.3
5.3
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com