Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CFAB-R7 Datasheet(PDF) 55 Page - Nordic Semiconductor

Part # NRF51822-CFAB-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAB-R7 Datasheet(HTML) 55 Page - Nordic Semiconductor

Back Button NRF51822-CFAB-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 59Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 130 page
background image
Page 55
nRF51822 Product Specification v3.3
8.5.6
Radio timing parameters
Table 40 Radio timing
8.5.7
Antenna matching network requirements
Table 41 Optimum differential load impedance
8.6
Received Signal Strength Indicator (RSSI) specifications
Table 42 RSSI specifications
Symbol
Description
250 k
1 M
2 M
BLE
Jitter
Units
tTXEN
Time between TXEN task and READY event.
132
132
132
140
0
μs
tTXDISABLE
Time between DISABLE task and DISABLED
event when the radio was in TX.
10
4
3
4
1
μs
tRXEN
Time between the RXEN task and READY event.
130
130
130
138
0
μs
tRXDISABLE
Time between DISABLE task and DISABLED
event when the radio was in RX.
0
0
0
0
1
μs
tTXCHAIN
TX chain delay.
5
1
0.5
1
0
μs
tRXCHAIN
RX chain delay.
12.5
3
2
3
0
μs
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ZQFN48,ANT1,2
Optimum differential impedance at 2.4 GHz seen
into the matching network from pin ANT1 and
ANT2 on the QFN48 packet.
15 + j85
Ω
1
ZWLCSP,ANT1,2
Optimum differential impedance at 2.4 GHz seen
into the matching network from pin ANT1 and
ANT2 on the WLCSP packet.
12.6 + j106
Ω
1
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
RSSIACC
RSSI accuracy.
Valid range
-50 dBm to -80 dBm.
±6
dB
2
RSSIRESOLUTION
RSSI resolution.
1
dB
1
RSSIPERIOD
Sample period.
8.8
μs
1
RSSICURRENT
Current consumption in
addition to IRX.
250
μA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com