Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CFAB-R7 Datasheet(PDF) 63 Page - Nordic Semiconductor

Part # NRF51822-CFAB-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAB-R7 Datasheet(HTML) 63 Page - Nordic Semiconductor

Back Button NRF51822-CFAB-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 67Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
Page 63
nRF51822 Product Specification v3.3
8.16
Random Number Generator (RNG) specifications
Table 55 Random Number Generator (RNG) specifications
8.17
AES Electronic Codebook Mode Encryption (ECB) specifications
Table 56 ECB specifications
8.18
AES CCM Mode Encryption (CCM) specifications
Table 57 CCM specifications
8.19
Accelerated Address Resolver (AAR) specifications
Table 58 AAR specifications
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
IRNG
Run current at 16 MHz.
60
μA
1
tRNG,RAW
Run time per byte in
RAW mode.
Uniform distribution
of 0 and 1 is not
guaranteed.
167
μs
1
tRNG,UNI
Run time per byte in
Uniform mode.
Uniform distribution
of 0 and 1 is
guaranteed. Time to
generate a byte
cannot be
guaranteed.
677
μs
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
IECB
Run current for ECB.
550
μA
1
tSTARTECB, ENDECB
Time for a 16 byte AES block encrypt.
8.5
17
μs
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ICCM
Run current for CCM.
550
μA
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
IAAR
Run current for AAR.
550
μA
1
tSTART,RESOLVED
Time for address resolution of 8 IRKs.
68
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com