Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CFAB-R7 Datasheet(PDF) 66 Page - Nordic Semiconductor

Part # NRF51822-CFAB-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAB-R7 Datasheet(HTML) 66 Page - Nordic Semiconductor

Back Button NRF51822-CFAB-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF51822-CFAB-R7 Datasheet HTML 70Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 130 page
background image
Page 66
nRF51822 Product Specification v3.3
8.23
General Purpose I/O (GPIO) specifications
Table 62 General Purpose I/O (GPIO) specifications
8.24
Low Power Comparator (LPCOMP) specifications
Table 63 Low power comparator specifications
Symbol
Parameter (condition)
Note
Min.
Typ.
Max.
Units
VIH
Input high voltage.
0.7 VDD
VDD
V
VIL
Input low voltage.
VSS
0.3 VDD
V
VOH
Output high voltage (std. drive, 0.5 mA).
VDD-0.3
VDD
V
VOH
Output high voltage (high-drive, 5 mA).
1
1. Maximum number of pins with 5 mA high drive is 3.
VDD-0.3
VDD
V
VOL
Output low voltage (std. drive, 0.5 mA).
VSS
0.3
V
VOL
Output low voltage (high-drive, 5 mA).
VSS
0.3
V
RPU
Pull-up resistance.
11
13
16
kΩ
RPD
Pull-down resistance.
11
13
16
kΩ
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ILPC
Run current for LPCOMP.
0.5
μA
1
tLPCANADETOFF
Time from VIN crossing to ANADETECT signal
generated when in System OFF.
151
1. For 50 mV overdrive
μs
1
tLPCANADETON
Time from VIN crossing to ANADETECT signal
generated when in System ON.
151
μs
1
tLPCOMPSTARTUP
Startup time for the Low Power Comparator.
40
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com