Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4502 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4502
Description  STROBED HEX INVERTER/BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4502 Datasheet HTML 1Page - STMicroelectronics HCF4502 Datasheet HTML 2Page - STMicroelectronics HCF4502 Datasheet HTML 3Page - STMicroelectronics HCF4502 Datasheet HTML 4Page - STMicroelectronics HCF4502 Datasheet HTML 5Page - STMicroelectronics HCF4502 Datasheet HTML 6Page - STMicroelectronics HCF4502 Datasheet HTML 7Page - STMicroelectronics HCF4502 Datasheet HTML 8Page - STMicroelectronics HCF4502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC/HCF4502B
STROBED HEX INVERTER/BUFFER
DESCRIPTION
.
2 TTL-LOAD OUTPUT DRIVE CAPABILITY
.
3-STATE OUTPUTS
.
COMMON OUTPUT-DISABLE CONTROL
.
INHIBIT CONTROL
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4502B (extended temperature range) and
HCF4502B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micro package. The HCC/HCF 4502B consists of
six inverter-buffers with 3-state outputs. A logic ”1”
on the OUTPUT DISABLE input produces a high-
impedance state in all six outputs. This feature per-
mits common busing of the outputs, thus simplifying
system design. A logic ”1” on the INHIBIT input swit-
ches all six outputs to logic ”0” if the OUTPUT DIS-
ABLE input is a logic ”0”. This device is capable of
driving two standard TTL loads, which is equivalent
to six times the JEDEC ”B” series IOL standard.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4502BF
HCF4502BM1
HCF4502BEY
HCF4502BC1
PIN CONNECTIONS
M1
Micro Package
1/11


Similar Part No. - HCF4502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
HCF4502BEY STMICROELECTRONICS-HCF4502BEY Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
HCF4502BM1 STMICROELECTRONICS-HCF4502BM1 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
HCF4502M013TR STMICROELECTRONICS-HCF4502M013TR Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
More results

Similar Description - HCF4502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
Strobed hex inverter/buffer
January 1995
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
Strobed Hex Inverter/Buffer
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
CMOS Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
Strobed Hex Inverter/Buffer
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com