Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4502 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4502
Description  STROBED HEX INVERTER/BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4502 Datasheet HTML 1Page - STMicroelectronics HCF4502 Datasheet HTML 2Page - STMicroelectronics HCF4502 Datasheet HTML 3Page - STMicroelectronics HCF4502 Datasheet HTML 4Page - STMicroelectronics HCF4502 Datasheet HTML 5Page - STMicroelectronics HCF4502 Datasheet HTML 6Page - STMicroelectronics HCF4502 Datasheet HTML 7Page - STMicroelectronics HCF4502 Datasheet HTML 8Page - STMicroelectronics HCF4502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25 °C, CL = 50 pF, RL = 200 kΩ
typical temperature coefficient for all VDD values is 0.3 %/°C, all input rise and fall times = 20 ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PHL
Data or Inhibit Delay Time
5
135
270
ns
10
60
120
15
40
80
t PL H
Data or Inhibit Delay Time
5
190
380
ns
10
90
180
15
65
30
t PHZ
Disable Delay Time (output high
to high impedance)
560
120
ns
10
40
80
15
30
60
t PZH
Disable Delay Time (high
impedance to output high)
5110
220
ns
10
50
100
15
40
80
t PL Z
Disable Delay Time (output low to
high impedance)
5125
250
ns
10
65
130
15
55
110
t PZ L
Disable Delay Time (high
impedance to output low)
5125
250
ns
10
55
110
15
40
80
t TLH
Tansition Time
5
100
200
ns
10
50
100
15
40
80
t THL
Transition Time
5
60
120
ns
10
30
60
15
20
40
Typical Output Low (sink) Current.
Minimum Output High (source) Current Charac-
teristics.
HCC/HCF4502B
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com