Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4502 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4502
Description  STROBED HEX INVERTER/BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4502 Datasheet HTML 1Page - STMicroelectronics HCF4502 Datasheet HTML 2Page - STMicroelectronics HCF4502 Datasheet HTML 3Page - STMicroelectronics HCF4502 Datasheet HTML 4Page - STMicroelectronics HCF4502 Datasheet HTML 5Page - STMicroelectronics HCF4502 Datasheet HTML 6Page - STMicroelectronics HCF4502 Datasheet HTML 7Page - STMicroelectronics HCF4502 Datasheet HTML 8Page - STMicroelectronics HCF4502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V DD*
Supply Voltage : HC C Types
HCF Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Pto t
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
T stg
Storage Temperature
– 65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage : HC C Types
HCF Types
3to + 18
3to + 15
V
V
VI
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specifi cation is not implied. Exposure to absolute maximum rating conditions for external periods may affect device
reliability.
* All voltage values are referred to VSS pin voltage.
TRUTH TABLE
Di sable
Inhibit
D n
Q n
00
0
1
00
I
0
0I
X
0
IX
X
Z
X = don’t care
Z = high impedance
Logic 1 = high
Logic 0 = low
HCC/HCF4502B
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com