Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4502 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4502
Description  STROBED HEX INVERTER/BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4502 Datasheet HTML 1Page - STMicroelectronics HCF4502 Datasheet HTML 2Page - STMicroelectronics HCF4502 Datasheet HTML 3Page - STMicroelectronics HCF4502 Datasheet HTML 4Page - STMicroelectronics HCF4502 Datasheet HTML 5Page - STMicroelectronics HCF4502 Datasheet HTML 6Page - STMicroelectronics HCF4502 Datasheet HTML 7Page - STMicroelectronics HCF4502 Datasheet HTML 8Page - STMicroelectronics HCF4502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Val ue
VI
VO
|IO|VDD
TLow*
25
°CT
High*
Symbol
Parameter
(V)
(V)
(
µA)
(V)
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
IL
Quiescent
Current
HCC
Types
0/ 5
5
1
0.02
1
30
µA
0/10
10
2
0.02
2
60
0/15
15
4
0.02
4
120
0/20
20
20
0.04
20
600
HCF
Types
0/ 5
5
4
0.02
4
30
0/10
10
8
0.02
8
60
0/15
15
16
0.02
16
120
VOH
Output High
Voltage
0/ 5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
VIH
Input High
Voltage
0.5/4.5
< 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5
< 1
15
11
11
11
VIL
Input Low
Voltage
4.5/0.5
< 1
5
1.5
1.5
1.5
V
9/1
< 1
10
3
3
3
13.5/1.5
< 1
15
4
4
4
IOH
Output
Drive
Current
HCC
Types
0/ 5
2.5
5
– 2
– 1.6 – 3.2
–1.15
mA
0/ 5
4.6
5
–0.64
–0.51
– 1
–0.36
0/10
9.5
10
– 1. 6
– 1.3 – 2.6
– 0.9
0/15
13.5
15
– 4. 2
– 3.4 – 6.8
– 2.4
HCF
Types
0/ 5
2.5
5
–1.53
–1.36 – 3.2
– 1.1
0/ 5
4.6
5
–0.52
–0.44
– 1
–0.36
0/10
9.5
10
– 1. 3
– 1.1 – 2.6
– 0.9
0/15
13.5
15
– 3. 6
– 3.0 – 6.8
– 2.4
IOL
Output
Sink
Current
HCC
Types
0/ 5
0.4
5
3.84
3.06
6
2.10
mA
0/10
0.5
10
9.6
7.8
15.6
5.4
0/15
1.5
15
25.2
20.4
40.8
14.4
HCF
Types
0/ 5
0.4
5
3.11
2.6
6
2.10
0/10
0.5
10
7.05
6.63
15.6
5.61
0/15
1.5
15
20.4
17.3
40.8
14.2
IIH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
18
± 0.1
±10–5 ± 0.1
± 1
µA
HCF
Types
0/15
15
± 0.3
±10–5 ± 0.3
± 1
IOH,IOL
3-state
Output
HCC
Types
0/18
18
± 0.4
±10–4 ± 0.4
± 12
µA
HCF
Types
0/15
15
± 1.0
±10–4 ± 1.0
± 7.5
CI
Input Capacitance
Any Input
5
7.5
pF
*TLow=– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh=+125
°C for HCC device : + 85°C for HCF device.
The Noise Margin for both ”1” and ”0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
HCC/HCF4502B
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com