Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCR.B Datasheet(PDF) 3 Page - Texas Instruments

Part # TS3USB221EDRCR.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCR.B Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB221EDRCR.B Datasheet HTML 1Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 2Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 3Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 4Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 5Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
4 Pin Configuration and Functions
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
Figure 4-1. RSE Package, 10-Pin UQFN (Top View)
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
Figure 4-2. RSE Package, 10-Pin UQFN (Bottom
View)
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
Figure 4-3. DRC Package, 10-Pin VSON (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
1D+
1
I/O
USB port 1
1D–
2
I/O
2D+
3
I/O
USB port 2
2D–
4
I/O
GND
5
—
Ground
OE
6
I
Bus-switch enable
D–
7
I/O
Common USB port
D+
8
I/O
S
9
I
Select input
VCC
10
—
Supply voltage
(1)
I = input, O = output
www.ti.com
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com