Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCR.B Datasheet(PDF) 10 Page - Texas Instruments

Part # TS3USB221EDRCR.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCR.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3USB221EDRCR.B Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 9Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 10Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 11Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 12Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 13Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
800mV
800mV
400mV
400mV
50%
50%
50%
50%
50%
50%
50%
50%
50%
OUTPUTSKEWt
SK(P)
PULSESKEWt
SK(P)
t
= t
t
SK(P)
PHL
PLH
|
–
|
t
= t
t
SK(O)
PLH1
PLH2
|
–
| or |
–
|
t
t
PHL1
PHL2
Input
Input
Output
Output2
Output1
V
OL
V
OL
V
OL
V
OH
V
OH
V
OH
t
PLH
t
SK(O)
t
SK(O)
t
PHL2
t
PLH2
t
PLH1
t
PHL1
t
PHL
Figure 6-6. Skew Test
VCC
IIN
ron
V
IN
V
OUT2
or V
OUT1
I
IN
GND
Channel ON
1D
VCTRL
2D
D
VIN
VCTRL = VIH or VIL
VOUT2
VOUT1
+
+
S
–
Ω
Figure 6-7. ON-State Resistance (Ron)
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com