Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCR.B Datasheet(PDF) 12 Page - Texas Instruments

Part # TS3USB221EDRCR.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCR.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS3USB221EDRCR.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 9Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 10Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 11Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 12Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 13Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 14Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 15Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
6 Detailed Description
6.1 Overview
The TS3USB221E device is a 2-channel SPDT switch specially designed for the switching of high-speed USB
2.0 signals in handset and consumer applications, such as cell phones, digital cameras, and notebooks with
hubs or controllers with limited USB I/Os. The wide bandwidth (1 GHz) of this switch allows signals to pass
with minimum edge and phase distortion. The device multiplexes differential outputs from a USB host device to
one of two corresponding outputs. The switch is bidirectional and offers little or no attenuation of the high-speed
signals at the outputs. The device also has a low power mode that reduces the power consumption to 1 μA for
portable applications with a battery or limited power budget.
The device is designed for low bit-to-bit skew and high channel-to-channel noise isolation, and is compatible with
various standards, such as high-speed USB 2.0 (480 Mbps).
The TS3USB221E device integrates ESD protection cells on all pins, is available in a SON package (3mm ×
3mm) as well as in a tiny μQFN package (2mm × 1.5mm) and is characterized over the free-air temperature
range from –40°C to 85°C.
6.2 Functional Block Diagram
D−
D+
1D−
1D+
2D−
2D+
S
OE
Digital Control
6.3 Feature Description
6.3.1 Low Power Mode
The TS3USB221E has a low power mode that reduces the power consumption to 1 μA when the device is not in
use. To put the device in low power mode and disable the switch, the bus-switch enable pin OE must be supplied
with a logic high signal.
6.4 Device Functional Modes
Table 6-1. Truth Table
S
OE
FUNCTION
X
H
Disconnect
L
L
D = 1D
H
L
D = 2D
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com