Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # TS3USB221EDRCR.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 MultiplexerDemultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3USB221EDRCR.B Datasheet HTML 3Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 4Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 5Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 9Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 10Page - Texas Instruments TS3USB221EDRCR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
(3)
The bus switch contributes no propagation delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. This time constant is much smaller than the rise/fall
times of typical driving signals, therefore the time adds very little propagation delay to the system. Propagation delay of the bus switch,
when used in a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the
driven side.
5.10 Typical Characteristics
–7
–6
–5
–4
–3
–2
–1
0
1E+6
1E+7
1E+8
1E+9
1E+10
Frequency (Hz)
Figure 5-1. Gain vs Frequency
–100
–70
–80
–90
–60
–50
–40
–30
–20
Frequency (Hz)
1E+6
1E+7
1E+8
1E+9
1E+10
Figure 5-2. OFF Isolation vs Frequency
-105
-95
-85
-75
-65
-55
-45
-35
-25
Frequency
1E+6
1E+7
1E+8
1E+9
1E+10
Figure 5-3. Crosstalk vs Frequency
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2
3
4
5
6
7
8
9
10
11
VCC=2.3V
VCC=3.0V
Figure 5-4. Ron vs VIN (IOUT = –30 mA)
www.ti.com
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com