Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 17Page - Texas Instruments TUSB2E221 Datasheet HTML 18Page - Texas Instruments TUSB2E221 Datasheet HTML 19Page - Texas Instruments TUSB2E221 Datasheet HTML 20Page - Texas Instruments TUSB2E221 Datasheet HTML 21Page - Texas Instruments TUSB2E221 Datasheet HTML 22Page - Texas Instruments TUSB2E221 Datasheet HTML 23Page - Texas Instruments TUSB2E221 Datasheet HTML 24Page - Texas Instruments TUSB2E221 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
7 Parametric Measurement Information
Repeater
81130A
Pattern Generator
or
BERT
50
eUSB2
Test Channel
22.1
22.1
15.8
15.8
Test Channel
86100
Scope
or
BERT
50
USB 2.0
Vin * 0.76
Vin scaled for impedance conversion
40
45
Impedance
conversion
Impedance
conversion
eUSB2
USB2
Figure 7-1. USB 2.0 TX Output (Egress) Jitter, Eye Mask Test Setup
Repeater
86100
Scope
or
BERT
50
eUSB2
Test Channel
22.1
22.1
15.8
15.8
Test Channel
81130A
Pattern Generator
or
BERT
50
USB 2.0
Vin * 0.693
Vin scaled for impedance
conversion
40
45
Impedance
conversion
Impedance
conversion
USB 2.0 High speed test packets
USB 2.0 TX Vpp * 0.68
Vout scaled for impedance conversion
eUSB2
USB2
Figure 7-2. eUSB2 TX Output (Ingress) Jitter, Eye Mask Test Setup
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com