Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 9Page - Texas Instruments TUSB2E221 Datasheet HTML 10Page - Texas Instruments TUSB2E221 Datasheet HTML 11Page - Texas Instruments TUSB2E221 Datasheet HTML 12Page - Texas Instruments TUSB2E221 Datasheet HTML 13Page - Texas Instruments TUSB2E221 Datasheet HTML 14Page - Texas Instruments TUSB2E221 Datasheet HTML 15Page - Texas Instruments TUSB2E221 Datasheet HTML 16Page - Texas Instruments TUSB2E221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZHSTERM_N
Driver output resistance (which also
serves as high speed termination)
(VOH= 0 to 600mV) USB 2.0
Spec Section 7.1.1.1 (1), Default,
U_HS_TERM_Px Setting 01
40.6
45
49.4
Ω
USBA, USBB INPUT LEVELS LS/FS
VIH
High (driven)
USB 2.0 Spec Section 7.1.4 (1)
(measured at connector)
2
V
VIHZ
High (floating)
USB 2.0 Spec Section 7.1.4 (1) (HOST
downstream port pull down resistor
enabled and external device pull up
1.5kΩ +/-5% to 3.0V to 3.6V).
2.7
3.6
V
VIL
Low
USB 2.0 Spec Section 7.1.4 (1)
0.8
V
VDI
Differential input sensitivity (hysteresis is
off)
|(D+)-(D-)|; USB 2.0 Spec Figure 7-19
(1); (measured at connector) VCM=0.8V
to 2.0V
0.2
V
USBA, USBB OUTPUT LEVELS LS/FS
VOL
Low
USB 2.0 Spec Section 7.1.1
(1), (measured at connector with RL of
1.425kΩ to 3.6V. )
0
0.3
V
VOH
High (Driven)
USB 2.0 Spec Section 7.1.1 (1)
(measured at connector with RL of
14.25kΩ to GND. )
2.8
3.6
V
ZFSTERM
Driver series output resistance
USB 2.0 Spec Section 7.1.1 (1),
Measured it during VOL or VOH
28
46
Ω
VCRS2
Output signal crossover voltage
Measured as in USB 2.0 Spec Section
7.1.1 Figure 7-8 (1); Excluding the first
transition from the Idle state. With
external 1.5kΩ pullup on DP to 3.0V
1.3
2
V
VCRS
Output signal crossover voltage
Measured as in USB 2.0 Spec Section
7.1.1 Figure 7-8 (1); Excluding the first
transition from the Idle state
1.3
2
V
USBA, USBB INPUT LEVELS HS
VHSSQ
High-speed squelch/no-squelch
detection threshold
USB 2.0 Spec Section 7.1.7.2
(specification refers to peak differential
signal amplitude) (1), measured at
240MHz with increasing amplitude,
U_SQUELCH_THRESHOLD_Px Setting
100, VCM = –50mV to 500mV
104
126
150
mV
VHSDSC
High-speed disconnect detection
threshold
USB 2.0 Spec Section 7.1.7.2
(specification refers to differential signal
amplitude) (1). (+22.4%),
U_DISCONNECT_THRESHOLD_Px
Setting 0111, VCM = 367mV to 770mV
697
732
760
mV
EQ_UHS
USB high-speed data receiver
equalization, (measured indirectly
through jitter)
240MHz, U_EQ_Px Setting 010
0.62
1.09
1.57
dB
USBA, USBB OUTPUT LEVELS HS
VHSOD
High-speed data signaling swing
Measured p-p, 10%,
U_HS_TX_AMPLITUDE_Px Setting
0111, PE disabled,Test load is an ideal
45ohm to GND on DP and DN.
792
880
968
mV
VHSOL
High-speed data signaling low, driver is
off termination is on (measured single
ended)
USB 2.0 Spec Section 7.1.7.2 (1), PE
disabled, Test load is an ideal 45Ω to
GND on DP and DN.
–10
10
mV
VCHIRPJ
Host/ Hub Chirp J level (differential
voltage)
USB 2.0 Spec Section 7.1.7.2 (1) (PE is
disabled. Swing setting has no impact
but slew rate control has impact), Test
load is an ideal 1.5kΩ pullup on DP.
700
900
1100
mV
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com