Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 3Page - Texas Instruments TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments TUSB2E221 Datasheet HTML 10Page - Texas Instruments TUSB2E221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
RESET
STATE
ASSOCIATED
ESD SUPPLY
DESCRIPTION
NAME
VBW
YCG
VDD1V8
11
B4
PWR
N/A
N/A
1.8V analog supply voltage
D4
VDD3V3
1
B2
PWR
N/A
N/A
3.3V supply voltage
15
D2
VIOSEL
3
C3
Digital Input
N/A
VDD3V3
VIOSEL is used to select digital I/O input voltage for GPIOs, CROSS and
I2C
VIOSEL = VSS sets device into 1.2V I/O mode
VIOSEL = VDD1V8 sets device into 1.8V I/O mode
VIOSEL pin is real time control and not only latched at powered on
reset. Be careful when this pin changes dynamically after power-on reset
because the output voltage can change from 1.2V to 1.8V.
Table 5-2. Device Mode Configuration
SCL
SDA
EQ0
EQ1
EQ2
eUSB0
eUSB1
I2C Interface
USBA and
USBB CDP
advertising in
host mode
Low/Float
Low/Float
USB2 PHY Configuration
USB repeater
USB repeater
Disabled
Disabled
Low/Float
High
USB2 PHY Configuration
USB repeater
USB repeater
Disabled
Enabled
High
Low/Float
eUSB PHY Configuration
High-Z
USB repeater
USB repeater
Disabled
Disabled
High
High
Low/Float
Low/Float
INT interrupt
output
USB repeater
USB repeater
Enabled
Per register
High
High
High
Low/Float
INT interrupt
output
Carkit UART
bypass
USB repeater
Enabled
Per register
High
High
Low/Float
High
INT interrupt
output
USB repeater
Carkit UART
bypass
Enabled
Per register
High
High
High
High
INT interrupt
output
Carkit UART
bypass
Carkit UART
bypass
Enabled
Per register
The eUSB phy configurations used Table 5-3 assumes the channel between the device and host is 5 inches
FR4.
Table 5-3. USB2 PHY Configuration
EQ0
EQ1
EQ2
USB2 PHY
Compensation
Level
eUSB0/1 channel
USB ESR(1)
(Ω)
Low/Float
Low/Float
Low/Float
Level 0
5 inches FR4
USB A: 2.5
USB B: 2.5
High
Low/Float
Low/Float
Level 1
5 inches FR4
USB A: 10
USB B: 10
Low/Float
High
Low/Float
Level 2
5 inches FR4
USB A: 17.5
USB B: 17.5
High
High
Low/Float
Level 3
5 inches FR4
USB A: 10
USB B: 17.5
Low/Float
Low/Float
High
Level 4
5 inches FR4
USB A: 2.5
USB B: 10
High
Low/Float
High
Level 5
5 inches FR4
USB A: 10
USB B: 2.5
Low/Float
High
High
Level 6
5 inches FR4
USB A: 17.5
USB B: 2.5
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com