Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2E221 Datasheet HTML 1Page - Texas Instruments TUSB2E221 Datasheet HTML 2Page - Texas Instruments TUSB2E221 Datasheet HTML 3Page - Texas Instruments TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4 Device Variants
The following table describes the key differences between the TUSB2E221x device variants
Table 4-1. Device Variant Information
Orderable Device
Package
Type
Frame Based
LP Mode(1)
TUSB2E2211001YCG
WCSP
Enabled
TUSB2E2211005YCG2
Disabled
TUSB2E2211001VBW2
WQFN
Enabled
TUSB2E2211005VBW
Disabled
(1)
Refer to Frame Based Low Power Mode section
(2)
Not yet released. For more information and availability of device variants such as eUSB2 1.0V signaling interface, 1.2V I2C interface,
and 1.2V GPIO interface, please see Section 11.3 and contact TI.
For more information and availability of device variants such as eUSB2 1.0V signaling interface, different 7-bit
I2C addresses, and lower power internal embedded applications, see Section 11.3.
Table 4-2. Register Map Defaults
I2C Offset
CAT2
Default
CAT6
Default
0x30
0x79
0x79
0x31
0x39
0x39
0x32
0xD4
0xD4
0x33
0x75
0x75
0x37
0x40
0x40
0x38
0x4C
0x4C
0x39
0x22
0x22
0x10
0x50
0x00
0x70
0x79
0x79
0x71
0x39
0x39
0x72
0x94
0x94
0x73
0x75
0x75
0x77
0x40
0x40
0x78
0x4C
0x4C
0x79
0x22
0x22
0x50
0x50
0x00
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com