Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 3 Page - Texas Instruments

  TUSB321AI_V01 Datasheet HTML 1Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 2Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 3Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 4Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 5Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 6Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 7Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 8Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CC1
1
2
3
7
8
4
5
6
12
11
10
9
CC2
CURRENT_MODE
PORT
VBUS_DET
OUT2
OUT1
VCONN_FAULT
VDD
DIR
GND
ID
3
TUSB321AI
www.ti.com
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RWB Package
12-Pin X2QFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
CC1
1
I/O
Type-C configuration channel signal 1
CC2
2
I/O
Type-C configuration channel signal 2
CURRENT_MODE
3
I
Advertise VBUS current. This 3-level input is used to control current advertisement in DFP
mode or DRP mode connected as source. (See Table 2.)
L - Default Current. Pull-down to GND or leave unconnected.
M - Medium (1.5A) current. Pull-up to VDD with 500-kΩ resistor.
H - High (3.0A) current. Pull-up to VDD with 10-kΩ resistor.
PORT
4
I
Tri-level input pin to indicate port mode. The state of this pin is sampled when VDD is active.
H - DFP (Pull-up to VDD if DFP mode is desired)
NC - DRP (Leave unconnected if DRP mode is desired)
L - UFP (Pull-down or tie to GND if UFP mode is desired)
VBUS_DET
5
I
5- to 28-V VBUS input voltage. VBUS detection determines UFP attachment. One 900-kΩ
external resistor required between system VBUS and VBUS_DET pin.
VCONN_FAULT
6
O
Open-drain output and is asserted low for when VCONN over-current fault is detected.
OUT1
7
I/O
This pin is an open drain output for communicating Type-C current mode detect when the
TUSB321AI device is in UFP mode. Default current mode detected (H); medium or high
current mode detected (L). (See Table 2.)
OUT2
8
I/O
This pin is an open drain output for communicating Type-C current mode detect when the
TUSB321AI device is in UFP mode: default or medium current mode detected (H); high
current mode detected (L). (See Table 2.)
ID
9
O
Open drain output; asserted low when the CC pins detect device attachment when port is a
source (DFP), or dual-role (DRP) acting as source (DFP).
GND
10
G
Ground
DIR
11
O
DIR of plug. This open drain output indicates the detected plug orientation: Type-C plug
position 2 (H); Type-C plug position 1 (L).
VDD
12
P
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com