Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB321AI_V01 Datasheet HTML 9Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 10Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 11Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 12Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 13Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 14Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 15Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 16Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
TUSB321AI
www.ti.com
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 4:
Table 4. Design Requirements for DFP Mode
DESIGN PARAMETER
VALUE
VDD (4.5 V to 5.5 V)
5 V
Type-C port type (UFP, DFP, or DRP)
DFP
PORT pin is pulled up
Advertised Type-C Current (Default, 1.5 A, 3 A)
3 A
VCONN Support
Yes
8.2.1.2 Detailed Design Procedure
The TUSB321AI device supports a VDD in the range of 4.5 to 5.5 V. In this particular case, VDD is set to 5 V. A
100-nF capacitor is placed near VDD. Also, a 100 µF is used to meet the USB Type-C bulk capacitance
requirement of 10 µF to 220 µF.
The TUSB321AI current advertisement is determined by the state of the CURRENT_MODE pin. In this particular
example, 3 A advertisement is desired so the CURRENT_MODE pin is pulled high to VDD through 10-kΩ resistor.
The DIR pin is used to control the MUX for connecting the USB3 SS signals to the appropriate pins on the USB
Type-C receptacle. In this particular case, a HD3SS3212 is used as the MUX. In order to minimize crossing in
routing the USB 3.1 SS signals to the USB Type C connector, the connection of CC1 and CC2 to the
TUSB321AI is swapped.
The Type-C port mode is determined by the state of the PORT pin. When the PORT pin is pulled high, the
TUSB321AI device is in DFP mode.
The VBUS_DET pin must be connected through a 900-kΩ resistor to VBUS on the Type-C that is connected. This
large resistor is required to protect the TUSB321AI device from large VBUS voltage that is possible in present day
systems. This resistor along with internal pulldown keeps the voltage observed by the TUSB321AI device in the
recommended range.
The USB3.1 specification requires the bulk capacitance on VBUS based on UFP or DFP. When operating the
TUSB321AI device in a DFP mode, a bulk capacitance of at least 120 µF is required. In this particular case, a
150-µF capacitor was chosen.
8.2.1.3 Application Curve
Figure 4. Application Curve for DFP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com