Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB321AI_V01 Datasheet HTML 5Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 6Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 7Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 8Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 9Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 10Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 11Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 12Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
TUSB321AI
www.ti.com
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Supported Features for the TUSB321AI Device by Mode
PORT PIN
HIGH
(DFP ONLY)
LOW
(UFP ONLY)
NC
(DRP)
SUPPORTED
FEATURES
Port attach and
detach
Yes
Yes
Yes
Cable orientation
Yes
Yes
Yes
Current advertisement
Yes
-
Yes (DFP)
Current detection
-
Yes
Yes (UFP)
Active cable detection
Yes
-
Yes (DFP)
VCONN
Yes
-
Yes (DFP)
Legacy cables
Yes
Yes
Yes
VBUS detection
-
Yes
Yes (UFP)
7.3.1.1 Downstream Facing Port (DFP) - Source
The TUSB321AI device can be configured as a DFP only by pulling the PORT pin high through a resistance to
VDD. In DFP mode, the TUSB321AI device constantly presents Rps on both CC. In DFP mode, the TUSB321AI
device advertises USB Type-C current based on the state of the CURRENT_MODE pin.
When configured as a DFP, the TUSB321AI can operate with older USB Type-C 1.0 devices except for a USB
Type-C 1.0 DRP device. The TUSB321AI can not operate with a USB Type-C 1.0 DRP device. This limitation is
a result of backwards compatibility problem between USB Type-C 1.1 DFP and a USB Type-C 1.0 DRP.
Please note that when TUSB321AI's VDD supply is not active, Rd will be presented on both CC pins. This will
cause another DRP or DFP device to detect the TUSB321AI as a UFP. When VDD becomes active, the
TUSB321AI will remove the Rd from CC pins and present Rp on both CC pins.
7.3.1.2 Upstream Facing Port (UFP) - Sink
The TUSB321AI device can be configured as a UFP only by pulling the PORT pin low to GND. In UFP mode, the
TUSB321AI device constantly presents pulldown resistors (Rd) on both CC pins. The TUSB321AI device
monitors the CC pins for the voltage level corresponding to the Type-C mode current advertisement by the
connected DFP. The TUSB321AI device debounces the CC pins and wait for VBUS detection before successfully
attaching. As a UFP, the TUSB321AI device detects and communicates the advertised current level of the DFP
to the system through the OUT1 and OUT2 pins.
7.3.1.3 Dual Role Port (DRP)
The TUSB321AI device can be configured to operate as a DRP when the PORT pin is left floated on the PCB. In
DRP mode, the TUSB321AI device toggles between operating as a DFP and a UFP. When functioning as a DFP
in DRP mode, the TUSB321AI device complies with all operations as defined for a DFP according to the Type-C
Specification. When presenting as a UFP in DRP mode, the TUSB321AI device operates as defined for a UFP
according to the Type-C Specification.
7.3.2 Type-C Current Mode
The TUSB321AI device supports both advertising and detection of Type-C current. When TUSB321AI is a UFP
or a DRP connected as a sink, the OUT1 and OUT2 pins are used to inform the system the detected USB Type-
C current being broadcasted by the attached DFP. When TUSB321AI device is a DFP or a DRP connected as a
source, the CURRENT_MODE pin is used to advertise the USB Type-C current. The current advertisement for
the TUSB321AI device is 500 mA (for USB2.0) or 900 mA (for USB3.1) if CURRENT_MODE pin is left
unconnected or pulled to GND. If a higher level of current is required, the CURRENT_MODE can be pulled up to
VDD through a 500-kΩ resistor to advertise medium current at 1.5 A or pulled up to VDD through a 10-kΩ resistor
to advertise high current at 3 A. Table 2 lists the Type-C current advertisements and detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com