Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB321AI_V01 Datasheet HTML 8Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 9Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 10Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 11Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 12Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 13Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 14Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 15Page - Texas Instruments TUSB321AI_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
A1
A12
B12
B1
A2
A3
A4
A5
A11
A6
A7
A8
A9
A10
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
VBUS
DP
DM
CC1
CC2
TUSB321AI
CC2
CC1
VBUS_DET
USB VBUS Switch
VOUT
VIN
150uF
PORT
100nF
VDD_5V
200K
VCONN_FAULT#
CURRENT_MODE
ID
10K
200K
VCC_3.3V
EN
FAULT#
DM
DP
PS_EN
PS_FAULT#
ID
FAULT#
OEN
A0P
A0N
A1P
A1N
B0P
B0N
B1P
B1N
C0P
C0N
C1P
C1N
SEL
TXN1
TXP1
RXN1
RXP1
TXP2
TXN2
RXP2
RXN2
TXN1
TXP1
RXN1
RXP1
TXP2
TXN2
RXP2
RXN2
SSTXP
SSTXN
SSRXP
SSRXN
VCC_3.3V
10K
VCC_3.3V
100nF
100nF
100nF
100nF
4.7K
100uF
USB3 Host and
PMIC
System VBUS
900K
12
TUSB321AI
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TUSB321AI device is a Type-C configuration channel logic and port controller. The TUSB321AI device can
detect when a Type-C device is attached, what type of device is attached, the orientation of the cable, and power
capabilities (both detection and broadcast). The TUSB321AI device can be used in a source application (DFP) or
in a sink application (UFP).
8.2 Typical Application
8.2.1 DFP Mode
Figure 3 shows the TUSB321AI device configured as a DFP.
Figure 3. DFP Mode Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com