Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB522P
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522P Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB522P Datasheet HTML 14Page - Texas Instruments TUSB522P Datasheet HTML 15Page - Texas Instruments TUSB522P Datasheet HTML 16Page - Texas Instruments TUSB522P Datasheet HTML 17Page - Texas Instruments TUSB522P Datasheet HTML 18Page - Texas Instruments TUSB522P Datasheet HTML 19Page - Texas Instruments TUSB522P Datasheet HTML 20Page - Texas Instruments TUSB522P Datasheet HTML 21Page - Texas Instruments TUSB522P Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TUSB522PIRGER
Active
Production
VQFN (RGE) | 24
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PIRGER.A
Active
Production
VQFN (RGE) | 24
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PIRGERG4
Active
Production
VQFN (RGE) | 24
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PIRGERG4.A
Active
Production
VQFN (RGE) | 24
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PIRGET
Active
Production
VQFN (RGE) | 24
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PIRGET.A
Active
Production
VQFN (RGE) | 24
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PRGER
Active
Production
VQFN (RGE) | 24
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
0 to 70
TUSB
522P
TUSB522PRGER.A
Active
Production
VQFN (RGE) | 24
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
0 to 70
TUSB
522P
TUSB522PRGET
Active
Production
VQFN (RGE) | 24
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
0 to 70
TUSB
522P
TUSB522PRGET.A
Active
Production
VQFN (RGE) | 24
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
0 to 70
TUSB
522P
TUSB522PRGETG4
Active
Production
VQFN (RGE) | 24
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
TUSB522PRGETG4.A
Active
Production
VQFN (RGE) | 24
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TUSB
522P
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com