Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB522P
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB522P Datasheet HTML 3Page - Texas Instruments TUSB522P Datasheet HTML 4Page - Texas Instruments TUSB522P Datasheet HTML 5Page - Texas Instruments TUSB522P Datasheet HTML 6Page - Texas Instruments TUSB522P Datasheet HTML 7Page - Texas Instruments TUSB522P Datasheet HTML 8Page - Texas Instruments TUSB522P Datasheet HTML 9Page - Texas Instruments TUSB522P Datasheet HTML 10Page - Texas Instruments TUSB522P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
6.7 Electrical Characteristics, AC
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Receiver (RXP, RXN)
V(RX-DIFF-PP)
Input differential voltage swing.
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
100
1200
mVpp
V(RX-DC-CM)
Common-mode voltage bias in the
receiver (DC)
0.7
V
R(RX-DIFF-DC)
Differential input impedance (DC)
Present after a GEN1 device is
detected on TXP/TXN
72
120
Ω
R(RX-CM-DC)
Receiver DC Common Mode
impedance
18
30
Ω
Z(RX-HIGH-IMP-DC-POS)
Common-mode input impedance with
termination disabled (DC)
Present when no GEN1 device is
detected on TXP/TXN. Measured over
the range of 0-500 mV with respect to
GND.
25
kΩ
V(RX-SIGNAL-DET-DIFF-PP)
Input Differential peak-to-peak Signal
Detect Assert Level
At 5Gbps, no input channel loss clock
pattern
85
mV
V(RX-IDLE-DET-DIFF-PP)
Input Differential peak-to-peak Signal
Detect De-assert Level
85
mV
V(RX-LFPS-DET-DIFF-PP)
Low Frequency Periodic Signaling
(LFPS) Detect Threshold
Below the minimum is squelched.
100
300
mV
V(RX-CM-AC-P)
Peak RX AC common mode voltage
Measured at package pin
150
mV
V(detect)
Voltage change to allow receiver detect
Positive voltage to sense receiver
termination
600
mV
C(RX-PARASITIC)
Voltage change to allow receiver detect At 2.5 GHz
0.17
0.63
0.99
pF
RL(RX-DIFF)
Differential Return Loss
50 MHz – 1.25 GHz at 90 Ω
–19
dB
2.5 GHz at 90 Ω
–14
dB
RL(RX-CM)
Common Mode Return Loss
50 MHz – 1.25 GHz at 90 Ω
–13
dB
Differential Transmitter (TXP, TXN)
V(TX-DIFF-PP)
Transmitter differential voltage swing
(transition-bit)
OS Low, 0dB DE
0.8
0.9
Vpp
OS High, 0dB DE
1.1
1.2
Vpp
V(TX-DIFF-PP-LFPS)
LFPS differential voltage swing
OS Low, High
0.8
1.2
Vpp
V(TX-DE-RATIO)
Transmitter differential voltage De-
Emphasis ratio
DE = Low
0
dB
DE = Floating
–3.5
dB
DE = High
–6.2
dB
V(TX-RCV-DETECT)
Amount of voltage change allowed
during Receiver Detection
600
mV
V(TX-CM-IDLE-DELTA)
Transmitter idle common-mode voltage
change while in U2/U3 and not actively
transmitting LFPS
–600
600
mV
V(TX-DC-CM)
Common-mode voltage bias in the
transmitter (DC)
0.7
V
V(TX-CM-AC-PP-ACTIVE)
Tx AC Common-mode voltage active
Max mismatch from Txp + Txn for both
time and amplitude
100
mVpp
V(TX-IDLE-DIFF-AC-PP)
AC Electrical idle differential peak-to-
peak output voltage
At package pins
0
10
mV
V(TX-IDLE-DIFF-DC)
DC Electrical idle differential output
voltage
At package pins after low pass filter to
remove AC component
0
10
mV
V(TX-CM-DC-ACTIVE-IDLE-
DELTA)
Absolute DC common mode voltage
between U1 and U0
At package pin
200
mV
C(TX)
TX input capacitance to GND
At 2.5 GHz
1.25
pF
R(TX-DIFF)
Differential impedance of the driver
72
120
Ω
R(TX-CM)
Common-mode impedance of the
driver
Measured with respect to AC ground
over 0-500 mV
18
30
Ω
I(TX-SHORT)
TX short circuit current
TX± shorted to GND
60
mA
C(TX-PARASITIC)
TX input capacitance for return loss
Package Pins
0.63
1.02
F
www.ti.com
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com