Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB522P
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522P Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB522P Datasheet HTML 9Page - Texas Instruments TUSB522P Datasheet HTML 10Page - Texas Instruments TUSB522P Datasheet HTML 11Page - Texas Instruments TUSB522P Datasheet HTML 12Page - Texas Instruments TUSB522P Datasheet HTML 13Page - Texas Instruments TUSB522P Datasheet HTML 14Page - Texas Instruments TUSB522P Datasheet HTML 15Page - Texas Instruments TUSB522P Datasheet HTML 16Page - Texas Instruments TUSB522P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
8.2.1 Design Requirements
For this design example, use the parameters provided in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Pre-channel A to B PCB trace length(1), LAB.
1 inches ≤ LAB ≤ 20 inches
Post-channel C to D PCB trace length(1), LCD.
≤ 6 inches
Minimum distance of the AC capacitors from TUSB522P, LAC-CAP
0.25 inches
Maximum distance of ESD component from the USB receptacle, LESD
0.6 inches
Maximum distance of series resistor (RESD) from ESD component, LR_ESD.
0.25 inches
CAC-USB1 AC-coupling capacitor (75 nF to 265 nF)
100 nF
CAC-USB2 AC-coupling capacitor (297 nF to 363 nF)
Options:
•
RX1 or RX2 are DC-coupled to USB receptacle
•
330 nF AC-couple with RRX resistor
Optional RRX resistor (220-kΩ ± 5%)
Not used
Optional RESD (0-Ω to 2.2-Ω)
Not used
VCC supply (3-V to 3.6-V)
3.3-V
EQ1 for RX1P/N (3, 6, or 9dB)
9 dB (EQ1 = High)
De-Emphasis 2 for TX2P/N (0, -3.5, and - 6.2 dB)
-6.2 dB (OS2 = Low, DE2 = High)
EQ2 for RX2P/N (3, 6, or 9 dB)
6 dB (EQ2 = Floating)
De-Emphasis 1 for TX1P/N (0, -3.5, and -6.2 dB)
-3.5 dB (OS1 = Low, DE1 = Floating)
Output Swing 1 (0.9 or 1.1 Vppd)
900 mV (OS1 = Low)
Output Swing 2 (0.9 or 1.1 Vppd)
900 mV (OS2 = Low)
(1)
Maximum trace length assumes an insertion loss of 0.2 dB/inch/GHz. If insertion loss is more than 0.2 dB/inch/GHz, then maximum
trace length must be reduced accordingly.
8.2.2 Detailed Design Procedure
The TUSB522P differential receivers and transmitters have internal BIAS and termination. Due to this, the
TUSB522P must be connected to the USB Host and receptacle through ac-coupling capacitors. In this example,
as depicted in Figure 8-2, 100 nF capacitors are placed on TX2P, TX2N, RX1P, RX1N, TX1P and TX1N. No
ac-coupling capacitors are placed on the RX2P and RX2N pins because it is assumed the device downstream of
the TUSB522P will have ac-coupling capacitors on its transmitter as defined by the USB 3.1 specification. The
system designer may desire to support short to VBUS protection. If this is the case, then a 330 nF ac-coupling
capacitor should be placed on RX2P/N pins.
www.ti.com
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com