Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB522P
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522P Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB522P Datasheet HTML 8Page - Texas Instruments TUSB522P Datasheet HTML 9Page - Texas Instruments TUSB522P Datasheet HTML 10Page - Texas Instruments TUSB522P Datasheet HTML 11Page - Texas Instruments TUSB522P Datasheet HTML 12Page - Texas Instruments TUSB522P Datasheet HTML 13Page - Texas Instruments TUSB522P Datasheet HTML 14Page - Texas Instruments TUSB522P Datasheet HTML 15Page - Texas Instruments TUSB522P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TUSB522P is a dual-channel single-lane re-driver and signal conditioner designed to compensate for
ISI jitter caused by attenuation through passive mediums such as traces or cables. The TUSB522P has two
independent channels to allow optimization in both upstream and downstream directions through three EQ and
six De-Emphasis settings.
8.2 Typical Application
USB3.2
Host
Redriver
A
B
D
C
RX1P
RX1N
TX2P
TX2N
TX1P
TX1N
RX2N
RX2P
PCB Trace of Length LAB
PCB Trace of Length LCD
Op onal
RESD
CAC-USB1
CAC-USB2
LESD
LAC-CAP
LAC-CAP
LR_ESD
CAC-USB1
RRX
Upstream direc on
Downstream direc on
Figure 8-1. Embedded Host Application
The CAC-USB1 and CAC-USB2 should be placed between ESD and USB receptacle for systems designing for short
to VBUS protection.
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com