Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB8041RGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB8041RGCT Datasheet HTML 10Page - Texas Instruments TUSB8041RGCT Datasheet HTML 11Page - Texas Instruments TUSB8041RGCT Datasheet HTML 12Page - Texas Instruments TUSB8041RGCT Datasheet HTML 13Page - Texas Instruments TUSB8041RGCT Datasheet HTML 14Page - Texas Instruments TUSB8041RGCT Datasheet HTML 15Page - Texas Instruments TUSB8041RGCT Datasheet HTML 16Page - Texas Instruments TUSB8041RGCT Datasheet HTML 17Page - Texas Instruments TUSB8041RGCT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
TUSB8041
CLOCK
XI
XO
R1
1M
Y1
24 MHz
CL1
CL2
14
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 2. OTP Configurable Features (continued)
CONFIGURATION REGISTER
OFFSET
BIT FIELD
DESCRIPTION
REG_07h
[3]
Port removable configuration for downstream ports 4. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_0Ah
[3]
Enable Device Attach Detection..
REG_0Ah
[4]
High-current divider mode enable.
REG_0Bh
[0]
USB 2.0 port polarity configuration for downstream ports 1.
REG_0Bh
[1]
USB 2.0 port polarity configuration for downstream ports 2.
REG_0Bh
[2]
USB 2.0 port polarity configuration for downstream ports 3.
REG_0Bh
[3]
USB 2.0 port polarity configuration for downstream ports 4.
REG_F0h
[3:1]
USB power switch power-on delay.
8.3.4 Clock Generation
The TUSB8041 accepts a crystal input to drive an internal oscillator or an external clock source. If a clock is
provided to XI instead of a crystal, XO is left open. Otherwise, if a crystal is used, the connection needs to follow
the guidelines below. Since XI and XO are coupled to other leads and supplies on the PCB, it is important to
keep them as short as possible and away from any switching leads. It is also recommended to minimize the
capacitance between XI and XO. This can be accomplished by shielding C1 and C2 with the clean ground lines.
Figure 3. TUSB8041 Clock
8.3.5 Crystal Requirements
The crystal must be fundamental mode with load capacitance of 12 pF - 24 pF and frequency stability rating of
±100 PPM or better. To ensure proper startup oscillation condition, a maximum crystal equivalent series
resistance (ESR) of 50 Ω is recommended. A parallel load capacitor should be used if a crystal source is used.
The exact load capacitance value used depends on the crystal vendor. Refer to application note Selection and
Specification for Crystals for Texas Instruments USB2.0 devices (SLLA122) for details on how to determine the
load capacitance value.
8.3.6 Input Clock Requirements
When using an external clock source such as an oscillator, the reference clock should have a ±100 PPM or
better frequency stability and have less than 50-ps absolute peak to peak jitter or less than 25-ps peak to peak
jitter after applying the USB 3.0 jitter transfer function. XI should be tied to the 1.8-V clock source and XO should
be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com