Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT Datasheet(PDF) 34 Page - Texas Instruments

Part # TUSB8041RGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB8041RGCT Datasheet HTML 30Page - Texas Instruments TUSB8041RGCT Datasheet HTML 31Page - Texas Instruments TUSB8041RGCT Datasheet HTML 32Page - Texas Instruments TUSB8041RGCT Datasheet HTML 33Page - Texas Instruments TUSB8041RGCT Datasheet HTML 34Page - Texas Instruments TUSB8041RGCT Datasheet HTML 35Page - Texas Instruments TUSB8041RGCT Datasheet HTML 36Page - Texas Instruments TUSB8041RGCT Datasheet HTML 37Page - Texas Instruments TUSB8041RGCT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
VDD11
VDD33
BOARD_3P3V
BOARD_1P1V
C36
0.1uF
TUSB8041
U1G
NC
60
VDD33
34
VDD33
52
VDD33
63
VDD33
16
C26
0.1uF
C35
0.1uF
C32
0.1uF
C30
0.1uF
C27
0.1uF
C31
0.1uF
FB6
220 @ 100MHZ
C34
0.1uF
C33
10uF
C38
10uF
C37
0.1uF
C29
0.1uF
C28
0.1uF
FB5
220 @ 100MHZ
C39
1uF
C41
18pF
TUSB8041
U1F
GRSTN
50
XO
61
XI
62
SDA/SMBDAT
37
SCL/SMBCLK
38
SMBUSZ/SS_SUSPEND
39
PWRCTL_POL
41
AUTOENZ/HS_SUSPEND
45
TEST
49
USB_R1
64
C40
18pF
Y1
24MHz
R18
4.7K
0402
5%
R14
1M
R15
9.53K
0402
1%
R16
4.7K
34
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.2.1.2.7
Clock, Reset, and Misc
The PWRCTL_POL is left unconnected which results in active high power enable (PWRCTL1, PWRCTL2,
PWRCTL3, and PWRCTL4) for a USB VBUS power switch. The 1 µF capacitor on the GRSTN pin can only be
used if the VDD11 supply is stable before the VDD33 supply. The depending on the supply ramp of the two
supplies the capacitor may have to be adjusted.
Figure 11. Clock, Reset, and Misc
9.2.1.2.8
TUSB8041 Power Implementation
Figure 12. TUSB8041 Power Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com