Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB8041RGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB8041RGCT Datasheet HTML 19Page - Texas Instruments TUSB8041RGCT Datasheet HTML 20Page - Texas Instruments TUSB8041RGCT Datasheet HTML 21Page - Texas Instruments TUSB8041RGCT Datasheet HTML 22Page - Texas Instruments TUSB8041RGCT Datasheet HTML 23Page - Texas Instruments TUSB8041RGCT Datasheet HTML 24Page - Texas Instruments TUSB8041RGCT Datasheet HTML 25Page - Texas Instruments TUSB8041RGCT Datasheet HTML 26Page - Texas Instruments TUSB8041RGCT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
23
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 23. Bit Descriptions – Device Configuration Register 2 (continued)
1
autoModeEnz
RW
Automatic Mode Enable. This bit is loaded at the de-assertion of reset
with the value of the AUTOENz/HS_SUSPEND pin.
The automatic mode only applies to downstream ports with battery
charging enabled when the upstream port is not connected. Under these
conditions:
0 = Automatic mode battery charging features are enabled.
1 = Automatic mode is disabled; only Battery Charging DCP and
CDP mode is supported.
NOTE: When the upstream port is connected, Battery Charging CDP
mode will be supported on all ports that enabled for battery charging
support regardless of the value of this bit with the exception of Port 1.
CDP on Port 1 is not supported when Automatic Mode is enabled.
0
RSVD
RO
Reserved. Read only, returns 0 when read.
8.5.12 USB 2.0 Port Polarity Control Register
Table 24. Register Offset Bh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 25. Bit Descriptions – USB 2.0 Port Polarity Control Register
Bit
Field Name
Access
Description
7
customPolarity
RW
Custom USB 2.0 Polarity. This bit controls the ability to write the
p[4:0]_usb2pol bits.
0 = The p[4:0]_usb2pol bits are read only and the values are loaded
from the OTP ROM.
1 = The p[4:0]_usb2pol bits are read/write and can be loaded by
EEPROM or written by SMBus. from this register
This bit may be written simultaneously with the p[4:0]_usb2pol bits
6:5
RSVD
RO
Reserved. Read only, returns 0 when read.
4
p4_usb2pol
RO/RW
Downstream Port 4 DM/DP Polarity. This controls the polarity of the port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the
pin out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p4_usb2pol bit.
3
p3_usb2pol
RO/RW
Downstream Port 3 DM/DP Polarity. This controls the polarity of the port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the
pin out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p3_usb2pol bit.
2
p2_usb2pol
RO/RW
Downstream Port 2 DM/DP Polarity. This controls the polarity of the port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the
pin out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p2_usb2pol bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com