Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB8041RGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB8041RGCT Datasheet HTML 26Page - Texas Instruments TUSB8041RGCT Datasheet HTML 27Page - Texas Instruments TUSB8041RGCT Datasheet HTML 28Page - Texas Instruments TUSB8041RGCT Datasheet HTML 29Page - Texas Instruments TUSB8041RGCT Datasheet HTML 30Page - Texas Instruments TUSB8041RGCT Datasheet HTML 31Page - Texas Instruments TUSB8041RGCT Datasheet HTML 32Page - Texas Instruments TUSB8041RGCT Datasheet HTML 33Page - Texas Instruments TUSB8041RGCT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
USB_SSTXP_UP
USB_SSTXM_UP
VBUS
CAP_UP_TXM
CAP_UP_TXP
USB_SSRXP_UP
USB_SSRXM_UP
USB_DP_UP
USB_DM_UP
TUSB8041
U1A
USB_VBUS
48
USB_DP_UP
53
USB_DM_UP
54
USB_SSTXP_UP
55
USB_SSTXM_UP
56
USB_SSRXP_UP
58
USB_SSRXM_UP
59
FULLPWRMGMTZ/SMBA1/SS_UP
40
GANGED/SMBA2/HS_UP
42
C1
10uF
C3
0.1uF 0201
C4
0.1uF
R3
4.7K
0402
5%
J1
USB3_TYPEB_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSTXN
5
SSTXP
6
GND
7
SSRXN
8
SSRXP
9
SHIELD0
10
SHIELD1
11
R5
1M
0402
5%
R4
4.7K
0402
5%
C5
0.001uF
R2
10K 1%
0402
1%
R1
90.9K
0402
1%
C2
0.1uF 0201
30
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
Table 48. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VDD Supply
1.1V
VDD33 Supply
3.3V
Upstream Port USB Support (SS, HS, FS)
SS, HS, FS
Downstream Port 1 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 2 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 3 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 4 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Number of Removable Downstream Ports
4
Number of Non-Removable Downstream Ports
0
Full Power Management of Downstream Ports
Yes. (FULLPWRMGMTZ = 0)
Individual Control of Downstream Port Power Switch
Yes. (GANGED = 0)
Power Switch Enable Polarity
Active High. (PWRCTL_POL = 1)
Battery Charge Support for Downstream Port 1
Yes
Battery Charge Support for Downstream Port 2
Yes
Battery Charge Support for Downstream Port 3
Yes
Battery Charge Support for Downstream Port 4
Yes
I2C EEPROM Support
No.
24MHz Clock Source
Crystal
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Upstream Port Implementation
The upstream of the TUSB8041 is connected to a USB3 Type B connector. This particular example has
GANGED pin and FULLPWRMGMTZ pin pulled low which results in individual power support each downstream
port. The VBUS signal from the USB3 Type B connector is feed through a voltage divider. The purpose of the
voltage divider is to make sure the level meets USB_VBUS input requirements
Figure 5. Upstream Port Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com