Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT.A Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB8041RGCT.A
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT.A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB8041RGCT.A Datasheet HTML 20Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 21Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 22Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 23Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 24Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 25Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 26Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 27Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
24
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 25. Bit Descriptions – USB 2.0 Port Polarity Control Register (continued)
1
p1_usb2pol
RORW
Downstream Port 1 DM/DP Polarity. This controls the polarity of the port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the
pin out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p1_usb2pol bit.
0
p0_usb2pol
RO/RW
Upstream Port DM/DP Polarity. This controls the polarity of the port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the
pin out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p0_usb2pol bit.
8.5.13 UUID Registers
Table 26. Register Offset 10h-1Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
X
X
X
X
X
X
Table 27. Bit Descriptions – UUID Byte N Register
Bit
Field Name
Access
Description
7:0
uuidByte[n]
RO
UUID byte N. The UUID returned in the Container ID descriptor. The
value of this register is provided by the device and is meets the UUID
requirements of Internet Engineering Task Force (IETF) RFC 4122 A
UUID URN Namespace.
8.5.14 Language ID LSB Register
Table 28. Register Offset 20h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
1
0
0
1
Table 29. Bit Descriptions – Language ID LSB Register
Bit
Field Name
Access
Description
7:0
langIdLsb
RO/RW
Language ID least significant byte. This register contains the value
returned in the LSB of the LANGID code in string index 0. The
TUSB8041 only supports one language ID. The default value of this
register is 09h representing the LSB of the LangID 0409h indicating
English United States.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com