Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT.A Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB8041RGCT.A
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB8041RGCT.A Datasheet HTML 6Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 7Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 8Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 9Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 10Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 11Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 12Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 13Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
7.4 Thermal Information
THERMAL METRIC(1)
TUSB8041
UNIT
RGC
64 PINS
RθJA
Junction-to-ambient thermal resistance(2)
26
°C/W
RθJCtop
Junction-to-case (top) thermal resistance(3)
11.5
RθJB
Junction-to-board thermal resistance(4)
5.3
ψJT
Junction-to-top characterization parameter(5)
0.2
ψJB
Junction-to-board characterization parameter(6)
5.2
RθJCbot
Junction-to-case (bottom) thermal resistance(7)
1.0
(1)
Applies to external inputs and bidirectional buffers.
(2)
Applies to external outputs and bidirectional buffers.
(3)
Applies to GRSTz.
(4)
Applies to pins with internal pullups/pulldowns.
(5)
Applies to external input buffers.
7.5 Electrical Characteristics, 3.3-V I/O
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
VIL
Low-level input voltage(1)
VDD33
0
0.8
V
JTAG pins only
0
0.55
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(3)
0.13 x VDD33
V
VOH
High-level output voltage
VDD33
IOH = -4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output current(2)
VDD33
VI = 0 to VDD33
±20
µA
IOZP
High-impedance, output current with
internal pullup or pulldown
resistor(4)
VDD33
VI = 0 to VDD33
±250
µA
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com