Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB8041RGCT.A
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT.A Datasheet(HTML) 1 Page - Texas Instruments

  TUSB8041RGCT.A Datasheet HTML 1Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 2Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 3Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 4Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 5Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 6Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 7Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 8Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Personal
Computer
USB 3.0
HDD
USB 3.0
Hub
USB 2.0 Connection
USB 3.0 Connection
USB 3.0 Hub
USB 3.0 Device
USB 2.0 Device
USB 1.x Device
USB 1.x Connection
USB 3.0
HDD
USB 3.0
HDD
USB 2.0
Hub
USB 2.0
Webcam
USB 1.1
Mouse
USB 1.1
Keyboard
USB 2.0
HDD
TUSB8041
USB 2.0
Printer
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
TUSB8041 Four-Port USB 3.0 Hub
1
1 Features
1
•
Four Port USB 3.0 Hub
•
USB 2.0 Hub Features
–
Multi Transaction Translator (MTT) Hub: Four
Transaction Translators
–
Four Asynchronous Endpoint Buffers Per
Transaction Translator
•
Supports Battery Charging
–
CDP Mode (Upstream Port Connected)
–
DCP Mode (Upstream Port Unconnected)
–
DCP Mode Complies with Chinese
Telecommunications Industry Standard YD/T
1591-2009
–
D+/D- Divider Mode
•
Supports Operation as a USB 3.0 or USB 2.0
Compound Device
•
Per Port or Ganged Power Switching and Over-
Current Notification Inputs
•
OTP ROM, Serial EEPROM or I2C/SMBus Slave
Interface for Custom Configurations:
–
VID and PID
–
Port Customizations
–
Manufacturer and Product Strings (not by OTP
ROM)
–
Serial Number (not by OTP ROM)
•
Application Feature Selection Using Pin Selection
or EEPROM/ or I2C/SMBus Slave Interface
•
Provides 128-Bit Universally Unique Identifier
(UUID)
•
Supports On-Board and In-System OTP/EEPROM
Programming Via the USB 2.0 Upstream Port
•
Single Clock Input, 24-MHz Crystal or Oscillator
•
No Special Driver Requirements; Works
Seamlessly on any Operating System with USB
Stack Support
•
64-Pin QFN Package (RGC)
2 Applications
•
Computer Systems
•
Docking Stations
•
Monitors
•
Set-Top Boxes
3 Description
The TUSB8041 is a four-port USB 3.0 hub. It
provides simultaneous SuperSpeed USB and high-
speed/full-speed connections on the upstream port
and provides SuperSpeed USB, high-speed, full-
speed, or low-speed connections on the downstream
ports. When the upstream port is connected to an
electrical environment that only supports high-speed
or full-speed/low-speed connections, SuperSpeed
USB connectivity is disabled on the downstream
ports. When the upstream port is connected to an
electrical
environment
that
only
supports
full-
speed/low-speed connections, SuperSpeed USB and
high-speed
connectivity
are
disabled
on
the
downstream ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB8041
VQFN (64)
9.00 mm × 9.00 mm
TUSB8041I
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Diagram


Similar Part No. - TUSB8041RGCT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8041RGCT TI1-TUSB8041RGCT Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
More results

Similar Description - TUSB8041RGCT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
Automotive Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com