Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT.A Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB8041RGCT.A
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT.A Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB8041RGCT.A Datasheet HTML 21Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 22Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 23Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 24Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 25Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 26Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 27Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 28Page - Texas Instruments TUSB8041RGCT.A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.15 Language ID MSB Register
Table 30. Register Offset 21h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
1
0
0
Table 31. Bit Descriptions – Language ID MSB Register
Bit
Field Name
Access
Description
7:0
langIdMsb
RO/RW
Language ID most significant byte. This register contains the value
returned in the MSB of the LANGID code in string index 0. The
TUSB8041 only supports one language ID. The default value of this
register is 04h representing the MSB of the LangID 0409h indicating
English United States.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
8.5.16 Serial Number String Length Register
Table 32. Register Offset 22h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
1
0
0
0
Table 33. Bit Descriptions – Serial Number String Length Register
Bit
Field Name
Access
Description
7:6
RSVD
RO
Reserved. Read only, returns 0 when read.
5:0
serNumStringLen
RO/RW
Serial number string length. The string length in bytes for the serial
number string. The default value is 18h indicating that a 24 byte serial
number string is supported. The maximum string length is 32 bytes.
When customSernum is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a serial number string of serNumbStringLen
bytes is returned at string index 1 from the data contained in the Serial
Number String registers.
8.5.17 Manufacturer String Length Register
Table 34. Register Offset 23h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 35. Bit Descriptions – Manufacturer String Length Register
Bit
Field Name
Access
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6:0
mfgStringLen
RO/RW
Manufacturer string length. The string length in bytes for the
manufacturer string. The default value is 0, indicating that a manufacturer
string is not provided. The maximum string length is 64 bytes.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a manufacturer string of mfgStringLen bytes
is returned at string index 3 from the data contained in the Manufacturer
String registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com