Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050LAST Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH12050LAST
Description  12 Vin Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12050LAST Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH12050LAST Datasheet HTML 1Page - Artesyn Technologies PTH12050LAST Datasheet HTML 2Page - Artesyn Technologies PTH12050LAST Datasheet HTML 3Page - Artesyn Technologies PTH12050LAST Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
PTH12050
12 Vin Single Output
Total Power:
33 Watts
# of Outputs:
Single
SPECIAL FEATURES
ƒ
6 A output current
ƒ
12 V input voltage
ƒ
Wide-output voltage adjust:
1.2 - 5.5 Vdc for suffix ‘W’
0.8 - 1.8 Vdc for suffix ‘L’
ƒ
Auto-track™ sequencing*
ƒ
Pre-bias start-up
ƒ
Efficiencies up to 93%
ƒ
Output ON/OFF inhibit
ƒ
Output voltage sense
ƒ
Point-of-Load-Alliance (POLA)
compatible
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
UL/cUL CAN/CSA-C22.2 No.
60950-1-03/UL 60950-1, File No.
E174104
ƒ
TÜV Product Service (EN60950)
Certificate No B 04 06 38572 044
ƒ
CB Report and Certificate to
IEC60950, Certificate No.
US/8292/UL
Electrical Specifications
Input
Input voltage range
(See Note 3)
10.8 - 13.2 Vdc
Input current
No load
10 mA typical
Remote ON/OFF
(See Note 1)
Positive logic
Start-up time
1 V/ms
Undervoltage lockout
8.8 - 10.4 V typical
Track input voltage
Pin 8 (See Notes 6 )
±0.3 Vin
Output
Voltage adjustability
(See Note 4)
1.2 - 5.5 Vdc (Suffix ‘W’)
0.8 - 1.8 Vdc (Suffix ‘L’)
Setpoint accuracy
±2.0% Vo
Line regulation
±5 mV typical
Load regulation
±5 mV typical
Total regulation
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
Suffix ‘W’: Vo 2.5 V
Vo > 2.5 V
Suffix’L’:
Vo 1.0 V
Vo > 1.0 V
25 mV pk-pk
1% Vo
20 mV pk-pk
30 mV pk-pk
Temperature co-efficient
-40 °C to +85 °C
±0.5% Vo
Transient response
(See Note 5)
70
μs recovery time
Overshoot/undershoot 100 mV
Margin adjustment
±5.0% Vo
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
Cin = 100 μF, Cout = 0 μF.
*Auto-track is a trademark of Texas Instruments.
Data Sheet


Similar Part No. - PTH12050LAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050LAST TI1-PTH12050LAST Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12050LAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com