Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1313 Datasheet(PDF) 5 Page - Power IC Ltd.

Part # PS1313
Description  High Efficiency, High Power White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1313 Datasheet(HTML) 5 Page - Power IC Ltd.

  PS1313 Datasheet HTML 1Page - Power IC Ltd. PS1313 Datasheet HTML 2Page - Power IC Ltd. PS1313 Datasheet HTML 3Page - Power IC Ltd. PS1313 Datasheet HTML 4Page - Power IC Ltd. PS1313 Datasheet HTML 5Page - Power IC Ltd. PS1313 Datasheet HTML 6Page - Power IC Ltd. PS1313 Datasheet HTML 7Page - Power IC Ltd. PS1313 Datasheet HTML 8Page - Power IC Ltd. PS1313 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS
( Vin = 2.5V, TA = +25°C, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VIN
Operating Input
Voltage
2.5
5.5
V
UVLO
Under Voltage
Lock-out
Vin going Lo.
2.05
2.15
2.25
V
UVLO Hysteresis
80
mV
IG
Supply Current
(quiescent)
No Switching
(Vin=5V, VFB=
270mV)
235
240
μA
Supply Current
Switching FB=0
1935
μA
ISH
Supply Current (shut-
down)
VEN =0
0.15
μA
FOSC
Operation Frequency
1.3
1.4
1.5
MHz
DMAX
Maximum Duty Cycle
94
%
VFB
Feedback Voltage
90
100
110
mV
Feedback Input Bias
Current
VFB=270mV
1.5
μA
RDS(ON)
MOSFET ON
resistance
0.63
Ω
ILIM
Current Limit
Vin=3
1.18
A
Turn ON
1
V
VEN
Enable Threshold
Turn OFF
0.4
V
IEN
Enable Input Bias
Current
VEN =0, 5V
6
μA
Thermal Shut-down
160
C
VOV
Over Voltage
Threshold
VOV rising
18
V
PS1313
OV Hysteresis
2.6
V
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com