Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1313 Datasheet(PDF) 7 Page - Power IC Ltd.

Part # PS1313
Description  High Efficiency, High Power White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1313 Datasheet(HTML) 7 Page - Power IC Ltd.

  PS1313 Datasheet HTML 1Page - Power IC Ltd. PS1313 Datasheet HTML 2Page - Power IC Ltd. PS1313 Datasheet HTML 3Page - Power IC Ltd. PS1313 Datasheet HTML 4Page - Power IC Ltd. PS1313 Datasheet HTML 5Page - Power IC Ltd. PS1313 Datasheet HTML 6Page - Power IC Ltd. PS1313 Datasheet HTML 7Page - Power IC Ltd. PS1313 Datasheet HTML 8Page - Power IC Ltd. PS1313 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PS1313
Dimming Control:
LED is a current driven device. Hence, current
through the LED needs to be controlled to have
dimming control. Different ways are there to control
dimming for PS1313, in the normal mode of
operation. In the first way, the feedback voltage is
controlled using an external voltage source. As
shown in the figure-8, current starts flowing down
R1, R2 and R3, as the external voltage increases.
The loop will continue to regulate the feedback
voltage to 100mV, and as a result, the current
through the LEDs has to decrease as the same
amount of that being injected from the external
source. With the external voltage from 0 to 2V, the
resistor values shown for R2 and R3 can control
LED current from 0 to 20mA.
Dimming can also be achieved using logic signal to
EN pin. As shown in Figure-9, the PWM signal can
be applied to the EN pin of PS1313. The LEDs will
switch between full load to completely shut down
state. The average current through the LEDs will be
proportional to the duty cycle of PWM. The PWM
signal in figure-9 should be of 1 KHz or less,
because of the presence of the soft-start
mechanism.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
7
PS1313
Figure 8: Dimming control using a DC
voltage
PS1313
Figure 9: PWM dimming control using
Logic signal



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com