Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1313 Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PS1313
Description  High Efficiency, High Power White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1313 Datasheet(HTML) 2 Page - Power IC Ltd.

  PS1313 Datasheet HTML 1Page - Power IC Ltd. PS1313 Datasheet HTML 2Page - Power IC Ltd. PS1313 Datasheet HTML 3Page - Power IC Ltd. PS1313 Datasheet HTML 4Page - Power IC Ltd. PS1313 Datasheet HTML 5Page - Power IC Ltd. PS1313 Datasheet HTML 6Page - Power IC Ltd. PS1313 Datasheet HTML 7Page - Power IC Ltd. PS1313 Datasheet HTML 8Page - Power IC Ltd. PS1313 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PS1313
Fig: PS1313 for Innolux 8” Panel LED Back light unit
PIN CONFIGURATION
PIN DESIGNATOR
Name
Pin
Type
Function
SW
1
Switch
Connect inductor between SW and IN.
GND
2
Ground
Ground pin
FB
3
Feedback
Adjustable feedback input, connect to resistor voltage divider.
EN
4
Enable input.
EN=High: normal operation. (Supports both TTL and CMOS Logic).
OVP
5
Over voltage
input.
Measures the output voltage for over voltage protection.
IN
6
Battery input.
Boost regulator input.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com