Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1313 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PS1313
Description  High Efficiency, High Power White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1313 Datasheet(HTML) 1 Page - Power IC Ltd.

  PS1313 Datasheet HTML 1Page - Power IC Ltd. PS1313 Datasheet HTML 2Page - Power IC Ltd. PS1313 Datasheet HTML 3Page - Power IC Ltd. PS1313 Datasheet HTML 4Page - Power IC Ltd. PS1313 Datasheet HTML 5Page - Power IC Ltd. PS1313 Datasheet HTML 6Page - Power IC Ltd. PS1313 Datasheet HTML 7Page - Power IC Ltd. PS1313 Datasheet HTML 8Page - Power IC Ltd. PS1313 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
On Board Power MOSFET
Drives up to 4 strings of parallel LEDs
Up to 87% Efficiency
1.4MHz Fixed Switching Frequency
Open Load Shutdown
Low 100mV Feedback Voltage
Soft Start
PWM Dimming Control
UVLO, Thermal Shutdown
Internal Circuit Limit
Available in SOT26 Package
APPLICATIONS
WLED Backlight
Cell Phones
Handheld Computers and PDAs
Digital Cameras
Small LCD Displays
LED Module
Game Devices
DESCRIPTION
The PS1313 is a step up converter designed for
driving up to 4 branches with 4 white LEDs in series
in each branch, providing backlight in cell phones,
PDAs, and other hand-held devices. The PS1313
uses current mode, fixed frequency architecture to
regulate the LED current, which is measured
through an external current sense resistor. Its low
100mV feedback voltage reduces power loss and
improves efficiency. The OV pin monitors the output
voltage and turns off the converter if an over-
voltage condition is present due to an open circuit
condition.
The PS1313 includes under-voltage lockout, current
limiting and thermal overload protection preventing
damage in the event of an output overload. The
PS1313 is available in small 6-pin SOT26 Package.
TYPICAL APPLICATION CIRCUIT
High Efficiency, High Power
White-LED Driver
PS1313
Fig: Typical Application Circuit with 20mA Output
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PS1313

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS13 GOOD-ARK-PS13 Datasheet
447Kb / 4P
Surface Mount Schottky Rectifier
logo
PREMO CORPORATION S.L
PS1307 PREMO-PS1307 Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-100M PREMO-PS1307-100M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-101M PREMO-PS1307-101M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-102M PREMO-PS1307-102M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
More results

Similar Description - PS1313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com