Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90121 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 13 of 26
Data Sheet
Rev. 007
Jan-2008
ISO Examples
Norm
Symbol
Time
Bit
Time
EncTimeRef
ISO15693 (1 out of 4)
ISO15693 (1 out of 256)
ISO14443
75.52
µs
18.88
µs
9.44
µs
9.44
µs
2.36
µs
1.18
µs
0x1F (11111)
0x07 (00111)
0x03 (00011)
Symbol Transmission
CK and DIN inputs are used to transmit symbols. On each rising edge of the CK signal, DIN is sampled to
encode the address of the corresponding symbol. This means that each address of the seven available
symbols can be encoded with a maximum of three bits (meaning three CK pulses). To reduce the usage
of the microcontroller for fast protocol, Sym0 and Sym1 can be transmitted with only one bit and, Sym2
and Sym3 with two bits, as shown in the following table.
Symbol
First Symbol
3 bits are needed to
initiate Transmission
Subsequent Symbols
Reduced encoding
possible (minimum 1 bit)
Sym0
Sym1
Sym2
Sym3
Sym4
Sym5
Sym6 (*)
000
001
010
011
100
101
110
0
1
10
11
100
101
110
(*) Symbol 6 is hard coded to 0xFF (11111111).
To initiate a transmission, it is necessary to send the first symbol with three CK pulses to initialize the
communication. On every rising edge of DSYNC, the following symbol is sent. To complete the
transmission, no more CK pulse should be sent after EOF symbol.
Sym2
Sym0
Sym3
Sym5
Sym2
Sym0
Sym3
Sym5
DIN
CK
DSYNC
Modulation
3 CK pulses are mandatory
to start transmission
N e x t m o d u l a t i o n d a t a
available after the rising
edge of DSYNC
No CK pulse to complete
the transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com