Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90121 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 21 of 26
Data Sheet
Rev. 007
Jan-2008
Register : Reserved
Address : 2
Bit
Default
Name
Function
7:0
0
Reserved
Do not use
Register : DigitalConfig
Address : 3
Bit
Default
Name
Function
7:6
5
4
3
2:1
0
0
0
0
0
0
0
--
Reserved
MVMode
MVEn
SelDout
EncoderEn
Unused
Do not use
Majority Voting Mode (0 = other, 1 = ISO14443A)
Majority Voting Enable (0=Disabled, 1 = Enabled)
Reception Output Selection (see table)
Hardware Encoder Enable (0=Disabled, 1 = Enabled)
Notes
SelDout
Output
00
01
10
11
AM (DATA): ‘1’ = sub carrier ; ‘0’ = no sub carrier
FM (LIMITER): rough digital signal
FSK decoded: ‘1’ when f = 423kHz, ‘0’ when f = 484kHz
PSK decoded
Register : EncoderSym
Address : 4 to 9
Bit
Default
Name
Function
7:0
7:0
7:0
7:0
7:0
7:0
0
0
0
0
0
0
EncoderSym0
EncoderSym1
EncoderSym2
EncoderSym3
EncoderSym4
EncoderSym5
Encoder Symbol 0
Encoder Symbol 1
Encoder Symbol 2
Encoder Symbol 3
Encoder Symbol 4
Encoder Symbol 5
Notes
•
Symbol 6 is hard-coded to 0xFF (11111111).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com