Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90121 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90121 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 3 of 26
Data Sheet
Rev. 007
Jan-2008
3. Glossary of Terms
RFID
Radio Frequency IDentification
ISO
International Organization for Standardization / International Electro-technical Commission.
ASK
Amplitude Shift Keying
FSK
Frequency Shift Keying
PSK
Phase Shift Keying
4. Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage (VDD with respect to VSS)
VDD
DC
-0.3
6
V
Input voltage on any pin (except TX)
Vin
-0.3
VDD+0.3
V
Maximum power dissipation (without heat sink)
Pmax
500
mW
Maximum junction temperature
Tj
+150
ºC
Storage temperature
Tstor
-55
+150
ºC
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
5. MLX90121 Electrical Specifications
TA = -40 ºC to +85 ºC, or 0ºC to +70 ºC according to the version, VDD = 5Volts, unless otherwise noted.
On board resonator is used.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General DC Parameters
Operating supply voltage range
VDD
VDD with respect to VSS
2.7
5
5.5
V
Standby current consumption
Istb
VDD = 5.5 V - TA = +85 ºC
TA = +25 ºC
3
0.1
30
10
µA
µA
Idle mode current consumption
Idle
VDD = 5.5V - Analog section off
VDD = 3V, XBUF output disabled
3
1
5
3
mA
mA
Transmit current
Itr
50 Ohms load
VDD = 3V
80
45
120
70
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com